Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6208 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6208
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6208 Datasheet HTML 5Page - STMicroelectronics L6208 Datasheet HTML 6Page - STMicroelectronics L6208 Datasheet HTML 7Page - STMicroelectronics L6208 Datasheet HTML 8Page - STMicroelectronics L6208 Datasheet HTML 9Page - STMicroelectronics L6208 Datasheet HTML 10Page - STMicroelectronics L6208 Datasheet HTML 11Page - STMicroelectronics L6208 Datasheet HTML 12Page - STMicroelectronics L6208 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/27
L6208
Figure 5. Overcurrent Detection Timing Definition
CIRCUIT DESCRIPTION
POWER STAGES and CHARGE PUMP
The L6208 integrates two independent Power MOS Full Bridges. Each Power MOS has an RDS(ON) = 0.3
Ω (typ-
ical value @ 25°C), with intrinsic fast freewheeling diode. Switching patterns are generated by the PWM Current
Controller and the Phase Sequence Generator (see below). Cross conduction protection is achieved using a
dead time (tDT = 1
µs typical value) between the switch off and switch on of two Power MOSFETSs in one leg of
a bridge.
Pins VSA and VSB MUST be connected together to the supply voltage VS. The device operates with a supply
voltage in the range from 8V to 52V. It has to be noticed that the RDS(ON) increases of some percents when the
supply voltage is in the range from 8V to 12V (see Fig. 34 and 35).
Using N-Channel Power MOS for the upper transistors in the bridge requires a gate drive voltage above the
power supply voltage. The bootstrapped supply voltage VBOOT is obtained through an internal Oscillator and few
external components to realize a charge pump circuit as shown in Figure 6. The oscillator output (VCP) is a
square wave at 600KHz (typical) with 10V amplitude. Recommended values/part numbers for the charge pump
circuit are shown in Table 1.
Table 1. Charge Pump External Components Values
CBOOT
220nF
CP
10nF
RP
100
Ω
D1
1N4148
D2
1N4148
ISOVER
90%
10%
IOUT
VEN
tOCD(OFF)
tOCD(ON)
D02IN1399
ON
OFF
BRIDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com