Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6208N Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6208N
Description  FULLY INTEGRATED STEPPER MOTOR DRIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208N Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6208N Datasheet HTML 6Page - STMicroelectronics L6208N Datasheet HTML 7Page - STMicroelectronics L6208N Datasheet HTML 8Page - STMicroelectronics L6208N Datasheet HTML 9Page - STMicroelectronics L6208N Datasheet HTML 10Page - STMicroelectronics L6208N Datasheet HTML 11Page - STMicroelectronics L6208N Datasheet HTML 12Page - STMicroelectronics L6208N Datasheet HTML 13Page - STMicroelectronics L6208N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
L6208
10/27
Figure 6. Charge Pump Circuit
LOGIC INPUTS
Pins CONTROL, HALF/FULL, CLOCK, RESET and CW/CCW are TTL/CMOS and uC compatible logic inputs.
The internal structure is shown in Fig. 7. Typical value for turn-on and turn-off thresholds are respectively
Vth(ON)= 1.8V and Vth(OFF)= 1.3V.
Pin EN (Enable) has identical input structure with the exception that the drain of the Overcurrent and thermal
protection MOSFET is also connected to this pin. Due to this connection some care needs to be taken in driving
this pin. The EN input may be driven in one of two configurations as shown in Fig. 8 or 9. If driven by an open
drain (collector) structure, a pull-up resistor REN and a capacitor CEN are connected as shown in Fig. 8. If the
driver is a standard Push-Pull structure the resistor REN and the capacitor CEN are connected as shown in Fig.
9. The resistor REN should be chosen in the range from 2.2K
Ω to 180KΩ. Recommended values for REN and
CEN are respectively 100K
Ω and 5.6nF. More information on selecting the values is found in the Overcurrent
Protection section.
Figure 7. Logic Inputs Internal Structure
Figure 8. EN Pin Open Collector Driving
Figure 9. EN Pin Push-Pull Driving
D2
CBOOT
D1
RP
CP
VS
VSA
VCP
VBOOT
VSB
D01IN1328
5V
D01IN1329
ESD
PROTECTION
5V
5V
OPEN
COLLECTOR
OUTPUT
REN
CEN
EN
D01IN1330
ESD
PROTECTION
5V
PUSH-PULL
OUTPUT
REN
CEN
EN
D01IN1331
ESD
PROTECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com