Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6206D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6206D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6206D Datasheet HTML 6Page - STMicroelectronics L6206D Datasheet HTML 7Page - STMicroelectronics L6206D Datasheet HTML 8Page - STMicroelectronics L6206D Datasheet HTML 9Page - STMicroelectronics L6206D Datasheet HTML 10Page - STMicroelectronics L6206D Datasheet HTML 11Page - STMicroelectronics L6206D Datasheet HTML 12Page - STMicroelectronics L6206D Datasheet HTML 13Page - STMicroelectronics L6206D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
L6206
10/23
Figure 7. Overcurrent Protection Simplified Schematic
Figure 8. Overcurrent Protection Waveforms
+
OVER
TEMPERATURE
IREF
IREF
(I1A+I2A) / n
I1A / n
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER DMOS
n cells
POWER DMOS
n cells
HIGH SIDE DMOSs OF
THE BRIDGE A
OUT1A
OUT2A
VSA
I1A
I2A
I2A / n
OCD
COMPARATOR
TO GATE
LOGIC
INTERNAL
OPEN-DRAIN
RDS(ON)
40
Ω TYP.
CENA
RENA
RCLA.
ENA
OCDA
PROGCLA,
+5V
1.2V
-
+
µC or LOGIC
D02IN1354
ISOVER
IOUT
Vth(ON)
Vth(OFF)
VEN(LOW)
VDD
tOCD(ON)
tD(ON)EN
tEN(FALL)
tEN(RISE)
tDISABLE
tDELAY
tOCD(OFF)
tD(OFF)EN
VEN
BRIDGE
ON
OFF
OCD
ON
OFF
D02IN1400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com