Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2TL1-21 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 2TL1-21
Description  Military-Grade Toggle Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2TL1-21 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  2TL1-21 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2TL1-21 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 sensing.honeywell.com
What makes our switches better?
• MIL-DTL-3950 qualified switches available to meet military
specifications
Environmental sealing enables switches to withstand many
demanding indoor and outdoor applications
1-, 2-, and 4-pole options for a variety of circuitry
requirements
2- and 3-position, maintained and momentary toggle action
to meet circuit and actuator requirements
UL recognized, CSA certified, and
CE approved for global use
MICRO SWITCH™ TL Series
Toggle Switches
Honeywell MICRO SWITCH™ TL Series toggle switches are military qualified to MIL-DTL-3950, specifications for
sealed toggle switches. Quality construction features include a bonded seal between the toggle lever and bushing, and
between the cover and case.
The robust design of the TL Series toggle is well-suited for many military, aerospace and other demanding applications
where reliability is essential. These applications include environments where the panels are subjected to mechanical
shock, vibration, and temperature extremes as well as environments with dust, splashing or hose-directed water.
TL Series toggle switches offer a variety of circuitry and pole options to easily integrate into a number of applications.
A long history in military and aerospace applications has shown the TL Series toggle provides reliable performance with
long operating life under the toughest conditions.
MILITARY QUALIFIED • GLOBAL APPROVALS
MULTI-CIRCUITS • HIGH PERFORMANCE
ATTENTION!!
TL Series toggles are qualified
for military duty!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com