Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD604AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD604AR
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604AR Datasheet(HTML) 3 Page - Analog Devices

  AD604AR Datasheet HTML 1Page - Analog Devices AD604AR Datasheet HTML 2Page - Analog Devices AD604AR Datasheet HTML 3Page - Analog Devices AD604AR Datasheet HTML 4Page - Analog Devices AD604AR Datasheet HTML 5Page - Analog Devices AD604AR Datasheet HTML 6Page - Analog Devices AD604AR Datasheet HTML 7Page - Analog Devices AD604AR Datasheet HTML 8Page - Analog Devices AD604AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD604
Rev. D | Page 3 of 32
SPECIFICATIONS
Each amplifier channel at TA = 25°C, VS = ±5 V, RS = 50 Ω, RL = 500 Ω, CL = 5 pF, VREF = 2.50 V (scaling = 20 dB/V), 0 dB to 48 dB gain
range (preamplifier gain = 14 dB), VOCM = 2.5 V, C1 and C2 = 0.1 μF (see Figure 37), unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Preamplifier
Input Resistance
300
kΩ
Input Capacitance
8.5
pF
Input Bias Current
−27
mA
Peak Input Voltage
Preamplifier gain = 14 dB
±400
mV
Preamplifier gain = 20 dB
±200
mV
Input Voltage Noise
VGN = 2.9 V, RS = 0 Ω
Preamplifier gain = 14 dB
0.8
nV/√Hz
Preamplifier gain = 20 dB
0.73
nV/√Hz
Input Current Noise
Independent of gain
3.0
pA/√Hz
Noise Figure
RS = 50 Ω, f = 10 MHz, VGN = 2.9 V
2.3
dB
RS = 200 Ω, f = 10 MHz, VGN = 2.9 V
1.1
dB
DSX
Input Resistance
175
Ω
Input Capacitance
3.0
pF
Peak Input Voltage
2.5 ± 2
V
Input Voltage Noise
VGN = 2.9 V
1.8
nV/√Hz
Input Current Noise
VGN = 2.9 V
2.7
pA/√Hz
Noise Figure
RS = 50 Ω, f = 10 MHz, VGN = 2.9 V
8.4
dB
RS = 200 Ω, f = 10 MHz, VGN = 2.9 V
12
dB
Common-Mode Rejection Ratio
f = 1 MHz, VGN = 2.65 V
−20
dB
OUTPUT CHARACTERISTICS
−3 dB Bandwidth
Constant with gain
40
MHz
Slew Rate
VGN = 1.5 V, output = 1 V step
170
V/μs
Output Signal Range
RL ≥ 500 Ω
2.5 ± 1.5
V
Output Impedance
f = 10 MHz
2
Ω
Output Short-Circuit Current
±40
mA
Harmonic Distortion
VGN = 1 V, VOUT = 1 V p-p
HD2
f = 1 MHz
−54
dBc
HD3
f = 1 MHz
−67
dBc
HD2
f = 10 MHz
−43
dBc
HD3
f = 10 MHz
−48
dBc
Two-Tone Intermodulation Distortion (IMD)
VGN = 2.9 V, VOUT = 1 V p-p
f = 1 MHz
−74
dBc
f = 10 MHz
−71
dBc
Third-Order Intercept
f = 10 MHz, VGN = 2.65 V, VOUT = 1 V p-p,
input referred
−12.5
dBm
1 dB Compression Point
f = 1 MHz, VGN = 2.9 V, output referred
15
dBm
Channel-to-Channel Crosstalk
VOUT = 1 V p-p, f = 1 MHz,
Channel 1: VGN = 2.65 V, inputs shorted,
Channel 2: VGN = 1.5 V (mid gain)
−30
dB
Group Delay Variation
1 MHz < f < 10 MHz, full gain range
±2
ns
VOCM Input Resistance
45
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com