Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD604ARZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD604ARZ
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD604ARZ Datasheet HTML 13Page - Analog Devices AD604ARZ Datasheet HTML 14Page - Analog Devices AD604ARZ Datasheet HTML 15Page - Analog Devices AD604ARZ Datasheet HTML 16Page - Analog Devices AD604ARZ Datasheet HTML 17Page - Analog Devices AD604ARZ Datasheet HTML 18Page - Analog Devices AD604ARZ Datasheet HTML 19Page - Analog Devices AD604ARZ Datasheet HTML 20Page - Analog Devices AD604ARZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD604
Rev. D | Page 17 of 32
The AFA offers additional features:
•
The ability to invert the signal by switching the positive
and negative inputs to the ladder network.
•
The possibility of using the DSX1 input as a second
signal input.
•
Fully differential high impedance inputs when both
preamplifiers are used with one DSX (the other DSX could
still be used alone).
•
Independent control of the DSX common-mode voltage.
Under normal operating conditions, it is best to connect a
decoupling capacitor to VOCM, in which case, the common-
mode voltage of the DSX is half the supply voltage; which allows
for maximum signal swing. Nevertheless, the common-mode
voltage can be shifted up or down by directly applying a voltage
to VOCM. It can also be used as another signal input, the only
limitation being the rather low slew rate of the VOCM buffer.
If the dc level of the output signal is not critical, another coupling
capacitor is normally used at the output of the DSX; again this is
done for level shifting and to eliminate any dc offsets contributed
by the DSX (see the AC Coupling section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com