Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD604ARS Datasheet(PDF) 4 Page - Analog Devices

Part # AD604ARS
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARS Datasheet(HTML) 4 Page - Analog Devices

  AD604ARS Datasheet HTML 1Page - Analog Devices AD604ARS Datasheet HTML 2Page - Analog Devices AD604ARS Datasheet HTML 3Page - Analog Devices AD604ARS Datasheet HTML 4Page - Analog Devices AD604ARS Datasheet HTML 5Page - Analog Devices AD604ARS Datasheet HTML 6Page - Analog Devices AD604ARS Datasheet HTML 7Page - Analog Devices AD604ARS Datasheet HTML 8Page - Analog Devices AD604ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD604
Rev. D | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
ACCURACY
Absolute Gain Error
0 dB to 3 dB
0.25 V < VGN < 0.400 V
−1.2
+0.75
+3
dB
3 dB to 43 dB
0.400 V < VGN < 2.400 V
−1.0
±0.3
+1.0
dB
43 dB to 48 dB
2.400 V < VGN < 2.65 V
−3.5
−1.25
+1.2
dB
Gain Scaling Error
0.400 V < VGN < 2.400 V
±0.25
dB/V
Output Offset Voltage
VREF = 2.500 V, VOCM = 2.500 V
−50
±30
+50
mV
Output Offset Variation
VREF = 2.500 V, VOCM = 2.500 V
30
50
mV
GAIN CONTROL INTERFACE
Gain Scaling Factor
VREF = 2.5 V, 0.4 V < VGN < 2.4 V
19
20
21
dB/V
VREF = 1.67 V
30
dB/V
Gain Range
Preamplifier gain = 14 dB
0 to 48
dB
Preamplifier gain = 20 dB
6 to 54
dB
Input Voltage (VGN) Range
20 dB/V, VREF = 2.5 V
0.1 to 2.9
V
Input Bias Current
−0.4
μA
Input Resistance
2
MΩ
Response Time
48 dB gain change
0.2
μs
VREF Input Resistance
10
kΩ
POWER SUPPLY
Specified Operating Range
One complete channel
±5
V
One DSX only
5
V
Power Dissipation
One complete channel
220
mW
One DSX only
95
mW
Quiescent Supply Current
VPOS, one complete channel
32
36
mA
VPOS, one DSX only
19
23
mA
VNEG, one preamplifier only
−15
−12
mA
Powered Down
VPOS, VGN < 50 mV, one channel
1.9
3.0
mA
VNEG, VGN < 50 mV, one channel
−150
μA
Power-Up Response Time
48 dB gain change, VOUT = 2 V p-p
0.6
μs
Power-Down Response Time
0.4
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com