Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL2 Datasheet(PDF) 6 Page - Klein Tools, Inc.

Part # LL2
Description  Hex-Key Wrenches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

LL2 Datasheet(HTML) 6 Page - Klein Tools, Inc.

  LL2 Datasheet HTML 1Page - Klein Tools, Inc. LL2 Datasheet HTML 2Page - Klein Tools, Inc. LL2 Datasheet HTML 3Page - Klein Tools, Inc. LL2 Datasheet HTML 4Page - Klein Tools, Inc. LL2 Datasheet HTML 5Page - Klein Tools, Inc. LL2 Datasheet HTML 6Page - Klein Tools, Inc. LL2 Datasheet HTML 7Page - Klein Tools, Inc. LL2 Datasheet HTML 8Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Improved
Strength
Hex-Key Sets
• Two key positions (straight-out or right angle) for extra leverage
• Hex ends are square-cut for a secure full-depth fit and maximum contact with the hex
socket to prevent slippage and stripping of the socket
• Handy sets fit in your pocket or tool box easily and help eliminate the lost key problem
• Made in the U.S.A.
70579
Cat. No. Description
Size
Handle Length
Key Lengths
Color Weight
70591
Nine-Key Inch Folding Hex Key Set
5/64", 3/32", 7/64", 1/8", 9/64", 5/32", 3/16", 7/32", 1/4"
4-3/8" (111.1 mm) 2-11/16" to 3-13/16" (68.3 to 96.8 mm) Silver 0.50 lb (0.23 kg)
70581
Eight-Key Inch Folding Hex Key Set
1/20", 1/16", 5/64", 3/32", 7/64", 1/8", 9/64", 5/32"
3-1/16" (77.8 mm) 1-7/8" to 3" (47.6 to 76.2 mm)
Silver 0.20 lb (0.09 kg)
70579
Five-Key Inch Folding Hex Key Set
3/16", 7/32", 1/4", 5/16", 3/8"
5-3/8" (136.5 mm) 2-11/16" to 3-13/16" (68.3 to 96.8 mm) Silver 0.85 lb (0.39 kg)
70582
Seven-Key Metric Folding Hex Key Set 1-1/2 mm, 2 mm, 2-1/2 mm, 3 mm, 4 mm, 5 mm, 6 mm 3-45/64" (94 mm) 19/32" to 1-25/32" (15 to 45 mm)
Silver 0.27 lb (0.12 kg)
70580
Six-Key Metric Folding Hex Key Set
3 mm, 4 mm, 5 mm, 6 mm, 8 mm, 10 mm
5-3/8" (136.5 mm) 2-3/8" to 4" (60 to 101 mm)
Silver 0.85 lb (0.39 kg)
Grip-It™ Hex-Key Sets
• Blades rotate independently up to 270°
• Precision fit so hex tool end reduces stripping problems. Keys are industrial strength, impact-
resistant and tested for performance to below freezing
• Glass-reinforced nylon handle
• Hex ends are square-cut for a secure full-depth fit and maximum contact with the hex socket
to prevent slippage and stripping of the socket (Cat. Nos. 70570, 70573, 70574, and 70575)
• Ball design allows for a thicker neck diameter increasing torque capacity, while maintaining
operational angles to 25% (Cat. Nos. 70571 and 70572)
• Made in the U.S.A.
70570
Cat. No. Description
Size
Handle Length
Key Lengths
Color Weight
70570
Grip-It® Five Key Hex Set - Inch
3/16", 7/32", 1/4", 5/16", 3/8"
4-7/16" (112.7 mm) 1-37/64" to 1-31/32" (40.1 to 50.0 mm) Yellow 0.58 lb (0.26 kg)
70571
Grip-It® Five Key Ball Hex Set - Inch 3/16", 7/32", 1/4", 5/16", 3/8"
4-7/16" (112.7 mm) 1-35/64" to2" (39.3 mm to 50.8 mm)
Yellow 0.58 lb (0.26 kg)
70572
Grip-It® Five Key Ball Hex Set - Metric 5 mm, 6 mm, 7 mm, 8 mm, 10 mm
4-7/16" (112.7 mm) 1-19/32" to 1-15/16" (40.5 to 49.2 mm) Red
0.58 lb (0.26 kg)
70573
Grip-It® 12 Key Hex Set - Inch/Metric 5/64", 3/32", 7/64", 1/8", 9/64", 5/32", 1.5 mm, 2 mm,
2.5 mm, 3 mm, 4 mm, 5 mm
4-7/16" (112.7 mm) 1-7/16" to 2-17/64" (36.5 to 57.6 mm)
Blue
0.30 lb (0.14 kg)
70574
Grip-It® Nine Key Hex Set 2 Positions 5/64", 3/32", 7/64", 1/8", 9/64", 5/32", 3/16", 7/32", 1/4" 4-7/16" (112.7 mm) 1-3/4" to 2-17/64" (44.5 to 57.6 mm)
Yellow 0.33 lb (0.15 kg)
70575
Grip-It® Nine Key Hex Set Square Cut 3/64", 1/16", 5/64", 3/32", 7/64", 1/8", 9/64", 5/32", 3/16" 3-13/16" (96.8 mm) 1-25/64" to 1-27/32" (35.3 to 46.8 mm) Yellow 0.20 lb (0.09 kg)
Folding TORX® Set
• TORX® drive cuts slippage, saves fasteners, efficiently transmits more torque to the work
• Keys are tough, heat-treated chrome-nickel alloy steel for strength and durability
• Keys fold flat into handle
• Can be used straight out or at an angle for extra leverage
70586
Cat. No.
Size
Handle Length
Key Lengths
Color
Weight
70586
T10, T15, T20, T25, T27, T30, T40
4-3/8" (111.1 mm)
2-13/16" to 3" (71.4 to 76.2 mm)
Silver
0.30 lb (0.14 kg)
TORX® is a trademark of Acument Intellectual Properties, LLC.
Folding Hex-Key Sets
TORX® Sets
Hex-Key Wrenches
See page 310 for additional information on warnings.
www.kleintools.com
94



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com