Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF386SLC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF386SLC
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF386SLC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90CF386SLC Datasheet HTML 1Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 2Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 3Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 4Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 5Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 6Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 7Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 8Page - National Semiconductor (TI) DS90CF386SLC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input Voltage
−0.3V to (V
CC + 0.3V)
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec for TSSOP)
+260˚C
Solder Reflow Temperature
(Soldering, 20 sec for FBGA)
+220˚C
Maximum Package Power
Dissipation Capacity @ 25˚C
MTD56 (TSSOP) Package:
DS90CF386MTD
1.61 W
MTD48 (TSSOP) Package:
DS90CF366MTD
1.89 W
Package Derating:
DS90CF386MTD
12.4 mW/˚C above +25˚C
DS90CF366MTD
15 mW/˚C above +25˚C
Maximum Package Power
Dissipation Capacity @ 25˚C
SLC64A Package:
DS90CF386SLC
2.0 W
Package Derating:
DS90CF386SLC
10.2 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
> 7kV
(EIAJ, 0
Ω, 200 pF)
> 700V
Recommended Operating
Conditions
Min Nom Max Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−10
+25
+70
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
PP
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
IH
High Level Input Voltage
2.0
VCC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
OH
High Level Output Voltage
I
OH = - 0.4 mA
2.7
3.3
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.06
0.3
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
-0.79
-1.5
V
I
IN
Input Current
V
IN = 0.4V, 2.5V or VCC
+1.8
+15
uA
V
IN = GND
-10
0
uA
I
OS
Output Short Circuit Current
V
OUT = 0V
-60
-120
mA
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current
C
L = 8 pF,
f = 32.5 MHz
49
70
mA
Worst Case
Worst Case Pattern,
f = 37.5 MHz
53
75
mA
DS90CF386 (Figures 1,
4)
f = 65 MHz
81
114
mA
f = 85 MHz
96
135
mA
ICCRW
Receiver Supply Current
C
L = 8 pF,
f = 32.5 MHz
49
60
mA
Worst Case
Worst Case Pattern,
f = 37.5 MHz
53
65
mA
DS90CF366 (Figures 1,
4)
f = 65 MHz
78
100
mA
f = 85 MHz
90
115
mA
ICCRG
Receiver Supply Current,
C
L = 8 pF,
f = 32.5 MHz
28
45
mA
16 Grayscale
16 Grayscale Pattern,
f = 37.5 MHz
30
47
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com