Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF366MTD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF366MTD
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF366MTD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CF366MTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CF366MTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DS90CF386/DS90CF366
+3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD)
Link—85 MHz,
+3.3V LVDS Receiver 18-Bit Flat Panel
Display (FPD) Link—85 MHz
General Description
The DS90CF386 receiver converts the four LVDS data
streams (Up to 2.38 Gbps throughput or 297.5 Megabytes/
sec bandwidth) back into parallel 28 bits of CMOS/TTL data
(24 bits of RGB and 4 bits of Hsync, Vsync, DE and CNTL).
Also available is the DS90CF366 that converts the three
LVDS data streams (Up to 1.78 Gbps throughput or 223
Megabytes/sec bandwidth) back into parallel 21 bits of
CMOS/TTL data (18 bits of RGB and 3 bits of Hsync, Vsync
and DE). Both Receivers’ outputs are Falling edge strobe. A
Rising edge or Falling edge strobe transmitter (DS90C385/
DS90C365) will interoperate with a Falling edge strobe Re-
ceiver without any translation logic.
The DS90CF386 is also offered in a 64 ball, 0.8mm fine pitch
ball grid array (FBGA) package which provides a 44 %
reduction in PCB footprint compared to the 56L TSSOP
package.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.
Features
n
20 to 85 MHz shift clock support
n
Rx power consumption <142 mW (typ) @85MHz
Grayscale
n
Rx Power-down mode <1.44 mW (max)
n
ESD rating >7 kV (HBM), >700V (EIAJ)
n
Supports VGA, SVGA, XGA and Single Pixel SXGA.
n
PLL requires no external components
n
Compatible with TIA/EIA-644 LVDS standard
n
Low profile 56-lead or 48-lead TSSOP package
n
DS90CF386 also available in a 64 ball, 0.8mm fine pitch
ball grid array (FBGA) package
Block Diagrams
DS90CF386
DS90CF366
10108527
Order Number DS90CF386MTD or DS90CF386SLC
See NS Package Number MTD56 or SLC64A
10108528
Order Number DS90CF366MTD
See NS Package Number MTD48
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS101085
www.national.com


Similar Part No. - DS90CF366MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF366MTD NSC-DS90CF366MTD Datasheet
302Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
logo
Texas Instruments
DS90CF366MTD/NOPB TI1-DS90CF366MTD/NOPB Datasheet
2Mb / 38P
DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
DS90CF366MTDX/NOPB TI1-DS90CF366MTDX/NOPB Datasheet
2Mb / 38P
DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
More results

Similar Description - DS90CF366MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363 NSC-DS90C363 Datasheet
285Kb / 16P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF384A NSC-DS90CF384A Datasheet
784Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
logo
STMicroelectronics
STLVDS385 STMICROELECTRONICS-STLVDS385 Datasheet
260Kb / 14P
3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
Feb-2004
logo
National Semiconductor ...
DS90CF364A NSC-DS90CF364A_07 Datasheet
439Kb / 18P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
logo
Texas Instruments
DS90CF384AMTDX TI1-DS90CF384AMTDX Datasheet
1Mb / 19P
DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF364A TI1-DS90CF364A_15 Datasheet
1Mb / 22P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65MHz
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com