Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1748000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1748000000
Description  SLD 5.08V/10/180B 3.2SN OR BX
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1748000000 Datasheet(HTML) 4 Page - Weidmuller

  1748000000 Datasheet HTML 1Page - Weidmuller 1748000000 Datasheet HTML 2Page - Weidmuller 1748000000 Datasheet HTML 3Page - Weidmuller 1748000000 Datasheet HTML 4Page - Weidmuller 1748000000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Socket
connectors, tension spring connection | B2L 3.5 | B2L 3.5
- 4 -
1727700000
B2L 3.5/18 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 18, 180°, Box
1727630000
B2L 3.5/20 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 20, 180°, Box
1727710000
B2L 3.5/20 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 20, 180°, Box
1747850000
B2L 3.5/22 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 22, 180°, Box
1747930000
B2L 3.5/22 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 22, 180°, Box
1747860000
B2L 3.5/24 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 24, 180°, Box
1747940000
B2L 3.5/24 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 24, 180°, Box
1747870000
B2L 3.5/26 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 26, 180°, Box
1747950000
B2L 3.5/26 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 26, 180°, Box
1747880000
B2L 3.5/28 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 28, 180°, Box
1747960000
B2L 3.5/28 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 28, 180°, Box
1747890000
B2L 3.5/30 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 30, 180°, Box
1747970000
B2L 3.5/30 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 30, 180°, Box
1747900000
B2L 3.5/32 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 32, 180°, Box
1747980000
B2L 3.5/32 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 32, 180°, Box
1747910000
B2L 3.5/34 SN OR
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 34, 180°, Box
1747990000
B2L 3.5/34 SN SW
PCB plug-in connector, Female connectors, Tension clamp
connection, Clamping range, max.: 1 mm², Pitch: 3.50 mm, No. of
poles: 34, 180°, Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com