Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1237 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1237
Description  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 19Page - National Semiconductor (TI) LM1237 Datasheet HTML 20Page - National Semiconductor (TI) LM1237 Datasheet HTML 21Page - National Semiconductor (TI) LM1237 Datasheet HTML 22Page - National Semiconductor (TI) LM1237 Datasheet HTML 23Page - National Semiconductor (TI) LM1237 Datasheet HTML 24Page - National Semiconductor (TI) LM1237 Datasheet HTML 25Page - National Semiconductor (TI) LM1237 Datasheet HTML 26Page - National Semiconductor (TI) LM1237 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Two-Color Attribute Table (Continued)
TABLE 8. LM1237 Two-Color Attribute Registers (Continued)
Register
Address
D7
D6
D5
D4
D3
D2
D1
D0
ATT2C1n
+1
C2B[0]
C2G[2:0]
C2R[2:0]
C1B[2]
ATT2C2n
+2
X
X
EF[3:0]
C2B[2:1]
ATT2C3n
+3
XXXX
XXX
X
Note: Set reserved bits to 0.
The attributes for two-color display characters may be written or read via the following address format:
A15–A6: Always a binary 1000010001.
A5–A2: Attribute code n (0x0–0xF are valid values).
A1–A0: Determines which of the 3 bytes is to be accessed.
Note: In the table, n indicates the attribute number 0
≤ n ≤ 15.
Note: When writing, bytes 0 through 2 must be written in order. Bytes 0 through 2 will take effect after byte 2 is written. Since byte 3 contains all reserved bits, this
byte may be written, but will have no effect.
When reading, it is OK to read only one, two, or all three bytes.
If writing more than one 2-color attributes using the auto increment feature, all four bytes must be written.
Four-Color Attribute Table
TABLE 9. LM1237 Four-Color Attribute Registers
Register
Address
D7
D6
D5
D4
D3
D2
D1
D0
ATT4C0n
8500 +
(n*8)
C1B[1:0]
C1G[2:0]
C1R[2:0]
ATT4C1n
+1
C2B[0]
C2G[2:0]
C2R[2:0]
C1B[2]
ATT4C2n
+2
X
X
EF[3:0]
C2B[2:1]
ATT4C3n
+3
XXXX
XXX
X
ATT4C4n
+4
C3B[1:0]
C3G[2:0]
C3R[2:0]
ATT4C5n
+5
C4B[0]
C4G[2:0]
C4R[2:0]
C3B[2]
ATT4C6n
+6
XXXX
XX
C4B[2:1]
ATT4C7n
+7
XXXX
XXX
X
Note: Set reserved bits to 0.
The attributes for four-color display characters may be written or read via the following address format:
A15–A7: Always a binary 100001010.
A6–A3: Attribute code n (0x0–0xF are valid values).
A2–A0: Determine which of the six bytes of the attribute is to be accessed.
Note: In the table, n indicates the attribute number 0
≤ n ≤ 15.
Note: When writing, bytes 0 through 2 must be written in order and bytes 4 to 6 must be written in order. Bytes 0 through 2 will take effect after byte 2 is written.
Bytes 4 through 6 will take effect after byte 6 is written. Since bytes 5 and 7 contain all reserved bits, these bytes may be written, but no effect will result.
When reading, it is OK to read only one, two, or all three bytes.
If writing more than one 4-color attributes using the auto increment feature, all eight bytes must be written.
Display Page RAM
THE OSD WINDOW
The Display Page RAM contains all of the 8-bit display
character codes and their associated 4-bit attribute codes,
and the special 12-bit page control codes — the row-end,
skip-line parameters and window-end characters.
The LM1237 has a distinct advantage over many OSD gen-
erators that it allows variable size and format windows. The
window size is not dictated by a fixed geometry area of RAM.
Instead, 512 locations of 12-bit words are allocated in RAM
for the definition of the windows, with special control codes
to define the window size and shape.
Window width can be any length supported by the number of
pixels per line that is selected divided by the number of
pixels in a character line. It must be remembered that OSD
characters displayed during the monitor blanking time will
not be displayed on the screen, so the practical limit to the
number of horizontal characters on a line is reduced by the
number of characters within the horizontal blanking period.
CHARACTER CODE AND ATTRIBUTE CODE
Each of the 512 locations in the page RAM is comprised of a 12-bit code consisting of an 8-bit character or control code, and a
4-bit attribute code:
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com