Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2715 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715
Description  TFT Panel Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2715 Datasheet HTML 1Page - National Semiconductor (TI) LM2715 Datasheet HTML 2Page - National Semiconductor (TI) LM2715 Datasheet HTML 3Page - National Semiconductor (TI) LM2715 Datasheet HTML 4Page - National Semiconductor (TI) LM2715 Datasheet HTML 5Page - National Semiconductor (TI) LM2715 Datasheet HTML 6Page - National Semiconductor (TI) LM2715 Datasheet HTML 7Page - National Semiconductor (TI) LM2715 Datasheet HTML 8Page - National Semiconductor (TI) LM2715 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Connection Diagrams
Top View
20058404
TSSOP 16 package
T
JMAX = 125˚C,
θ
JA = 120˚C/W (Note 1)
Top View
20058494
LLP 24 package
T
JMAX = 125˚C,
θ
JA = 33.2˚C/W (Note 1)
Pin Description (TSSOP)
Pin
Name
Function
1
Vcom+
Vcom Amplifier positive input.
2
Vcom−
Vcom Amplifier negative input.
3
Vcom
Vcom Amplifier output.
4
AGND
Analog Ground. Connect to AGND plane.
5
Delay
PMOS switch delay.
6V
C
Boost Compensation Network Connection.
7
FB
Output Voltage Feedback input.
8
PGND
Power Ground. Connect to PGND plane.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com