Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8003 Datasheet(PDF) 4 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

Part # 8003
Description  Prototyping Boards (Circbord®)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTOR [VECTOR ELECTRONICS AND TECHNOLOGY, INC.]
Direct Link  https://www.vectorelect.com/
Logo VECTOR - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

8003 Datasheet(HTML) 4 Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.

  8003 Datasheet HTML 1Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8003 Datasheet HTML 2Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8003 Datasheet HTML 3Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC. 8003 Datasheet HTML 4Page - VECTOR ELECTRONICS AND TECHNOLOGY, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications subject to change without notice.
ELECTRONIC COMPANY
Circuit Pattern:
Pad-Per-Hole &
Ground Plane,
2 sides
Contacts:
N/A
Width/Thick:
10.60"/.062"
Height:
18.00
16-Pin DIP Capacity:
400
Material:
FR4 Epoxy Glass
Solder Terminals:
T42
Wire-Wrap Terminals:
T44, T46, T49,T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
Circuit Pattern:
Pad-Per-Hole
Contacts:
N/A
Width/Thick:
10.60"/.062"
Height:
10.60"
16-Pin DIP Capacity:
275
Material:
FR4 Epoxy Glass
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
106P106-1 10.6" x 10.6"
Individual pads with plated-thru
holes
• Etched ground plane surrounds
pads on both sides
• 0.080" diameter, isolated solder
pad around each hole, both sides
106P180-4 10.6" X 18.0"
106P70-4 7.0" x 10.6"
Circuit Pattern:
Pad-Per-Hole &
Ground Plane
Contacts:
N/A
Width/Thick:
7.0"/.062"
Height:
10.60"
16-Pin DIP Capacity:
175
Material:
FR4 Epoxy Glass
2 sides
Solder Terminals:
T42-1
Wire-Wrap Terminals:
T44, T46, T49, T68
Wire-Wrap Socket Pins:
R32
Hole Diameter:
.042"
Individual pads with plated-thru
holes
• Etched ground plane surrounds
pads on both sides
• 0.080" diameter, isolated solder
pad around each hole, both sides
Prototyping Boards (Circbord®)
VECTORBORD®
Ð
• 0.080" diameter, isolated solder
pad around each hole, both sides
10.6"
Ð
18.0"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com