Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLQ-310 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

Part # SLQ-310
Description  90쨘 HYBRID SURFACE 3:1 bandwidth 115 - 345 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SLQ-310 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  SLQ-310 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SLQ-310 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SLQ-310 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SLQ-310 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
115 - 345 MHz
3:1 bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SLQ-310
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
data @ 25ºC
0.0
0.4
0.8
1.2
1.6
2.0
2.4
115
138
161
184
207
230
253
276
299
322
345
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com