Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD795 Datasheet(PDF) 6 Page - Analog Devices

Part # AD795
Description  Low Power, Low Noise Precision FET Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD795 Datasheet HTML 2Page - Analog Devices AD795 Datasheet HTML 3Page - Analog Devices AD795 Datasheet HTML 4Page - Analog Devices AD795 Datasheet HTML 5Page - Analog Devices AD795 Datasheet HTML 6Page - Analog Devices AD795 Datasheet HTML 7Page - Analog Devices AD795 Datasheet HTML 8Page - Analog Devices AD795 Datasheet HTML 9Page - Analog Devices AD795 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD795
REV. B
–6–
10
–10
11
–4
–8
4
–6
3
2
–2
0
4
6
8
10
9
8
7
6
5
SETTING TIME – µs
0.1%
0.01%
0.1%
0.01%
ERROR
Figure 14. Output Swing and Error vs. Settling Time
FREQUENCY – Hz
120
60
0
110
10M
1M
100k
10k
1k
100
40
20
80
100
–PSRR
+PSRR
Figure 16. Power Supply Rejection vs. Frequency
120
–20
10M
40
0
100
20
10
100
60
80
1M
100k
10k
1k
FREQUENCY – Hz
GAIN
PHASE
120
–20
40
0
20
100
60
80
Figure 18. Open-Loop Gain & Phase Margin vs. Frequency
30
5
140
20
10
–40
15
–60
25
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
+ OUTPUT CURRENT
– OUTPUT CURRENT
Figure 13. Short Circuit Current Limit vs. Temperature
1000
0
15
300
100
–10
200
–15
600
400
500
700
800
900
10
5
0
–5
INPUT COMMON MODE VOLTAGE – Volts
Figure 15. Absolute Input Error Voltage vs. Input
Common-Mode Voltage
FREQUENCY – Hz
120
60
0
110
10M
1M
100k
10k
1k
100
40
20
80
100
Figure 17. Common-Mode Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com