Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712JRZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD712JRZ
Description  Dual Precision, Low Cost, High Speed BiFET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712JRZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD712JRZ Datasheet HTML 12Page - Analog Devices AD712JRZ Datasheet HTML 13Page - Analog Devices AD712JRZ Datasheet HTML 14Page - Analog Devices AD712JRZ Datasheet HTML 15Page - Analog Devices AD712JRZ Datasheet HTML 16Page - Analog Devices AD712JRZ Datasheet HTML 17Page - Analog Devices AD712JRZ Datasheet HTML 18Page - Analog Devices AD712JRZ Datasheet HTML 19Page - Analog Devices AD712JRZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD712
Rev. G | Page 16 of 20
200ns
500mV
PD711 BUFF
–10V ADC IN
1mV
100
10
0%
90
Figure 44. ADC Input Unity Gain Buffer Recovery Times, −10 V ADC IN
200ns
500mV
PD711 BUFF
–5V ADC IN
1mV
100
10
0%
90
Figure 45. ADC Input Unity Gain Buffer Recovery Times, −5 V ADC IN
DRIVING A LARGE CAPACITIVE LOAD
The circuit in Figure 46 uses a 100 Ω isolation resistor that
enables the amplifier to drive capacitive loads exceeding
1500 pF; the resistor effectively isolates the high frequency
feedback from the load and stabilizes the circuit. Low frequency
feedback is returned to the amplifier summing junction via the
low-pass filter formed by the 100 Ω series resistor and the Load
Capacitance CL. Figure 47 shows a typical transient response for
this connection.
1/2
AD712
0.1µF
0.1µF
–VIN
+VIN
INPUT
R1
2kΩ
1500pF
10kΩ
1500pF
20Ω
1000pF
C1
R1
4.99kΩ
4.99kΩ
30pF
OUTPUT
100Ω
+ –
–
+
TYPICAL CAPACITANCE
LIMIT FOR VARIOUS
LOAD RESISTORS
C1 UP TO
Figure 46. Circuit for Driving a Large Capacitive Load
5V
1µs
100
10
0%
90
Figure 47. Transient Response RL = 2 kΩ, CL = 500 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com