Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS7200L Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MS7200L
Description  256 x 9, 512 x 9, 1K x 9 CMOS FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS7200L Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MS7200L Datasheet HTML 1Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 2Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 3Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 4Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 5Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 6Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 7Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 8Page - Mosel Vitelic, Corp MS7200L Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
MS7200L/7201AL/7202AL
MOSEL VITELIC
MS7200L/01AL/02AL Rev. 1.0 January 1995
Operating Range
Capacitance(1) T
A = 25°C, f = 1.0MHz
Range
Ambient
Temperature
Vcc
Commercial
0
°C to + 70°C
5V
± 10%
Symbol
Parameter
Condition
Unit
VTERM
Terminal Voltage with
Repect to GND
-0.5 to +7.0
V
TBIAS
Temperature Under Bias
-10 to +125
°C
TSTG
Storage Temperature
-60 to +150
°C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
Absolute Maximum Ratings(1)
Symbol
Parameter
Condition
Max.
Unit
C IN
Input Capacitance
VIN = 0V
4
pF
CQ
Output Capacitance
VDQ = 0V
6
pF
DC Electrical Characteristics (over the commercial operating range)
Depth Expansion/Compound Expansion Mode
NOTE:
1.
XI is connected to XO of previous device. See Figure 15. RS = Reset Input. FL/RT = First Load/Retransmit. EF = Empty Flag
Output.
FF Full Flag Output. XI = Expansion Input.
1.
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Truth Tables
Single Device Configuration/Width Expansion Mode
NOTE: 1. Pointer will increment if flag is high.
Mode
Inputs
Internal Status
Outputs
RS
RT
XI
Read Pointer
Write Pointer
EF
FF
HF
Reset
0
X
0
Location Zero
Location Zero
0
1
1
Retransmit
1
0
0
Location Zero
Unchanged
X
X
X
Read/Write
1
1
0
Increment (1)
Increment (1)
XXX
Mode
Inputs
Internal Status
Outputs
RS
FL
XI
Read Pointer
Write Pointer
EF
FF
Reset-First Device
0
0
(1)
Location Zero
Location Zero
0
1
Reset all Other Devices
0
1
(1)
Location Zero
Unchanged
0
1
Read/Write
1
X
(1)
X
X
X
X
Test
MS7200L/7201AL
7202AL
(-25, -35)
MS7200L/7201AL
7202AL
(-50, -80)
Parameter
Parameter
Test Conditions
Min. Typ. Max. Min.
Typ. Max. Units
VIL
Input Low Voltage
-
-
0.8
-
-
0.8
V
VIH
Input High Voltage
2.0
-
-
2.0
-
-
V
I IL
Input Leakage Current
VCC = Max, V IN = 0Vto V CC
-1
1
-1
1
µA
IOL
Output Leakage Current
VCC = Max, R= VIH, VIN = 0V toVCC
-10
10
-10
10
µA
VOL
Output Low Voltage
VCC = Min, IOL = 8mA
-
-
0.4
-
-
0.4
V
VOH
Output High Voltage
VCC = Min, IOH = -2mA
2.4
-
-
2.4
-
-
V
ICC1
Operating Power Supply Current
VCC = Max, II/O = 0mA, F = Fm ax
-
-
125
-
50
80
mA
ICC2
Average Standby Current
VCC = Max, R = W = RS = FL / RT =
VIH,
I I/O = 0mA
--
15
-5
8
mA
ICCSB(S)
Power Down Power Supply
Current (Standard Power)
VCC = Max, R = W = RS = FL / RT >
VCC-0.2V, V IN > V CC-0.2V or V IN <
0.2V
--5
-
-
5
mA
ICCSB(L)
Power Down Power Supply
Current (Low Power)
VCC = Max, R = W = RS = FL / RT >
VCC-0.2V, V IN > V CC-0.2V or V IN <
0.2V
-
-
500
-
-
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com