Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6243 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6243
Description  VOICE COIL MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6243 Datasheet(HTML) 4 Page - STMicroelectronics

  L6243 Datasheet HTML 1Page - STMicroelectronics L6243 Datasheet HTML 2Page - STMicroelectronics L6243 Datasheet HTML 3Page - STMicroelectronics L6243 Datasheet HTML 4Page - STMicroelectronics L6243 Datasheet HTML 5Page - STMicroelectronics L6243 Datasheet HTML 6Page - STMicroelectronics L6243 Datasheet HTML 7Page - STMicroelectronics L6243 Datasheet HTML 8Page - STMicroelectronics L6243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS (VS = 12V, Tamb =25
°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
4.5
13.2
V
Id
Quiescent Drain Current
20
mA
Tj
Thermal Shutdown Junction
Temperature
160
°C
ERROR AMPLIFIER
Ib
Input Bias Current
1
µA
IOS
Input Offset Current
300
nA
VOS
Input Offset Voltage
5
mV
Gv
Large Signal Open Loop Voltage
Gain
65
dB
GBW
Gain Bandwidth
3
MHz
Gmin
Minimum Voltage Gain
5
IO+
Output Source Current
6
mA
IO–-
Output Sink Current
6
mA
SR
Slew-rate
2
V/
µs
SENSE AMPLIFIER
RIN,Vref
Vref Input Impedance
9K
Ad
Differential Gain
8
V/V
SR
Slew-rate
1
V/
µs
GBW
Gain Bandwidth Product
3
MHz
Rin
Sense Input Impedance
1.5
K
CMRR
Common Mode Rejection Ratio
55
dB
POWER OP. AMP.
GV
Voltage Gain
26
dB
Vd
Total Output Voltage Drop
IO = 250mA
IO = 500mA
IO =1A
IO =2A
450
750
1.15
2.30
1.5
2.5
mV
mV
V
V
Voff
Offset Voltage on Sense
Resistor
5mV
BW
Bandwidth on Resistive Load
100
KHz
GENERAL PURPOSE OP-AMP
Ib
Input Bias Current
1
µA
IOS
Input Offset Current
300
nA
VOS
Input Offset Voltage
5
mV
GV
Large Signal Open Loop Voltage
Gain
65
dB
GBW
Gain Bandwidth Product
1
MHz
IO+
Output Source Current
6
mA
IO–
Output Sink Current
6
mA
SR
Slew Rate
1
V/
µs
L6243-L6243D
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com