Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103AWS-7 Datasheet(PDF) 3 Page - Microchip Technology

Part # SD103AWS-7
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SD103AWS-7 Datasheet(HTML) 3 Page - Microchip Technology

  SD103AWS-7 Datasheet HTML 1Page - Microchip Technology SD103AWS-7 Datasheet HTML 2Page - Microchip Technology SD103AWS-7 Datasheet HTML 3Page - Microchip Technology SD103AWS-7 Datasheet HTML 4Page - Microchip Technology SD103AWS-7 Datasheet HTML 5Page - Microchip Technology SD103AWS-7 Datasheet HTML 6Page - Microchip Technology SD103AWS-7 Datasheet HTML 7Page - Microchip Technology SD103AWS-7 Datasheet HTML 8Page - Microchip Technology SD103AWS-7 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 3
MIC24054
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
PVIN to PGND ........................................................................................................................................... –0.3V to +29V
VIN to PGND.............................................................................................................................................. –0.3V to PVIN
PVDD, VDD to PGND .................................................................................................................................. –0.3V to +6V
VSW, VCS to PGND .......................................................................................................................–0.3V to (PVIN + 0.3V)
VBST to VSW ................................................................................................................................................. –0.3V to +6V
VBST to PGND............................................................................................................................................ –0.3V to +35V
VFB, VPG to PGND ........................................................................................................................ –0.3V to (VDD + 0.3V)
VEN to PGND ..................................................................................................................................–0.3V to (VIN + 0.3V)
PGND to SGND ........................................................................................................................................ –0.3V to +0.3V
ESD Rating .......................................................................................................................................................... (Note 1)
Operating Ratings ‡
Supply Voltage (PVIN, VIN) ....................................................................................................................... +4.5V to +19V
Supply Voltage (PVDD, VDD) ................................................................................................................... +4.5V to +5.5V
Enable Input (VEN) ..............................................................................................................................................0V to VIN
Maximum Power Dissipation................................................................................................................................ (Note 2)
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Device is ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series with
100 pF.
2: PD(MAX) = (TJ(MAX) – TA)/θJA, where θJA depends upon the printed circuit layout. A 5 square inch 4 layer,
0.62”, FR-4 PCB with 2 oz. finish copper weight per layer is used for the θJA.
ELECTRICAL CHARACTERISTICS
PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = +25°C, unless otherwise noted. Bold values valid for –40°C ≤ TJ ≤
+125°C. Note 1
Parameter
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range (VIN, PVIN)
4.5
—
19
V
—
Quiescent Supply Current
—
450
750
µA
VFB = 1.5V (non-switching)
Shutdown Supply Current
—
5
10
µA
VEN = 0V
VDD Supply Voltage
VDD Output Voltage
4.8
5
5.4
V
VIN = 7V to 19V, IDD = 25 mA
VDD UVLO Threshold
3.7
4.2
4.5
V
VDD Rising
VDD UVLO Hysteresis
—
400
—
mV
—
Dropout Voltage (VIN – VDD)
—
380
600
mV
IDD = 25 mA
DC/DC Controller
Output Voltage Adjust Range
(VOUT)
0.8
—
5.5
V
—
Reference
Feedback Reference Voltage
0.792
0.8
0.808
V
0°C ≤ TJ ≤ +85°C (±1.0%)
0.788
0.8
0.812
–40°C ≤ TJ ≤ +125°C (±1.5%)
Load Regulation
—
0.25
—
%
IOUT = 3A to 9A (Continuous Mode)
Line Regulation
—
0.25
—
%
VIN = 4.5V to 19V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com