Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8024AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD8024AR
Description  Quad 350 MHz 24 V Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8024AR Datasheet HTML 3Page - Analog Devices AD8024AR Datasheet HTML 4Page - Analog Devices AD8024AR Datasheet HTML 5Page - Analog Devices AD8024AR Datasheet HTML 6Page - Analog Devices AD8024AR Datasheet HTML 7Page - Analog Devices AD8024AR Datasheet HTML 8Page - Analog Devices AD8024AR Datasheet HTML 9Page - Analog Devices AD8024AR Datasheet HTML 10Page - Analog Devices AD8024AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8024
–7–
REV. C
FREQUENCY – MHz
–10
1
10
100
1000
VS = 7.5V
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
–270
–180
–90
0
90
180
VS = 12V
–11
–12
–13
GAIN
PHASE
TPC 19. Closed-Loop Gain and Phase vs. Frequency,
G = +10, RL = 150
Ω
FREQUENCY – MHz
–9
1
10
100
1000
VS = 7.5V
–8
–7
–6
–5
–4
–3
–2
–1
0
1
–270
–180
–90
0
90
180
VS = 12V
PHASE
GAIN
TPC 20. Closed-Loop Gain and Phase vs. Frequency,
G = –1, RL = 150
Ω
500mV
20ns
500mV
VOUT
VIN
TPC 21. Small Signal Pulse Response, Gain = +1
(RFB = 5 k
Ω, RL = 150 Ω, VS = ±7.5 V)
2V
20ns
2V
VOUT
VIN
TPC 22. Large Signal Pulse Response, Gain = +1
(RFB = 5 k
Ω, RL = 150 Ω, VS = ±7.5 V)
250mV
20ns
500mV
VOUT
VIN
TPC 23. Small Signal Pulse Response, Gain = +2
(RFB = 750
Ω, RL = 150 Ω, VS = ±7.5 V)
1V
20ns
2V
VOUT
VIN
TPC 24. Large Signal Pulse Response, Gain = +2
(RFB = 750
Ω, RL = 150 Ω, VS = ±7.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com