Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8017 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8017
Description  Dual High Output Current, High Speed Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8017 Datasheet(HTML) 1 Page - Analog Devices

  AD8017 Datasheet HTML 1Page - Analog Devices AD8017 Datasheet HTML 2Page - Analog Devices AD8017 Datasheet HTML 3Page - Analog Devices AD8017 Datasheet HTML 4Page - Analog Devices AD8017 Datasheet HTML 5Page - Analog Devices AD8017 Datasheet HTML 6Page - Analog Devices AD8017 Datasheet HTML 7Page - Analog Devices AD8017 Datasheet HTML 8Page - Analog Devices AD8017 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8017
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual High Output Current,
High Speed Amplifier
PIN CONFIGURATION
8-Lead Thermal Coastline SOIC (SO-8)
8
7
6
5
1
2
3
4
OUT1
–IN1
+IN1
–VS
+VS
OUT2
–IN2
+IN2
AD8017
–
+
–
+
FEATURES
High Output Drive Capability
20 V p-p Differential Output Voltage, RL = 50
10 V p-p Single-Ended Output Voltage While
Delivering 200 mA to a 25
Load
Low Power Operation
5 V to 12 V Voltage Supply @ 7 mA/Amplifier
Low Distortion
–78 dBc @ 500 kHz SFDR, RL = 100
, VO = 2 V p-p
–58 dBc Highest Harmonic @ 1 MHz, IO = 270 mA
(RL = 10
)
High Speed
160 MHz, –3 dB Bandwidth (G = +2)
1600 V/ s Slew Rate
APPLICATIONS
xDSL PCI Cards
Consumer DSL Modems
Line Driver
Video Distribution
PRODUCT DESCRIPTION
The AD8017 is a low cost, dual high speed amplifier capable of
driving low distortion signals to within 1.0 V of the supply rail.
It is intended for use in single supply xDSL systems where low
distortion and low cost are essential. The amplifiers will be able
to drive a minimum of 200 mA of output current per amplifier.
The AD8017 will deliver –78 dBc of SFDR at 500 kHz, required
for many xDSL applications.
Fabricated in ADI’s high speed XFCB process, the high bandwidth
and fast slew rate of the AD8017 keep distortion to a minimum, while
dissipating a minimum amount of power. The quiescent current of
the AD8017 is 7 mA/amplifier.
Low distortion, high output voltage drive, and high output current
drive make the AD8017 ideal for use in low cost Customer Premise
End (CPE) equipment for ADSL, SDSL, VDSL and proprietary
xDSL systems.
The AD8017 drive capability comes in a very compact form.
Utilizing ADI’s proprietary Thermal Coastline SOIC package,
the AD8017’s total (static and dynamic) power on 12 V supplies
is easily dissipated without external heat sink, other than to place
the AD8017 on a 4-layer PCB.
The AD8017 will operate over the commercial temperature
range –40
°C to +85°C.
LOAD RESISTANCE –
0
1
1000
6
100
10
2
4
8
10
12
VS = 2.5V
VS = 6V
Figure 1. Output Swing vs. Load Resistance
+VS
R1
+
–
–VS
R2
NP:NS
TRANSFORMER
VIN
VREF
VOUT
LINE
POWER
IN dB
+
–
RL = 100
OR
135
Figure 2. Differential Drive Circuit for xDSL Applications


Similar Part No. - AD8017

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8017 AD-AD8017 Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
AD8017 AD-AD8017 Datasheet
410Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR AD-AD8017AR Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
AD8017AR AD-AD8017AR Datasheet
410Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR AD-AD8017AR Datasheet
415Kb / 17P
Dual High Output Current High Speed Amplifier
REV. C
More results

Similar Description - AD8017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
AD8017 AD-AD8017 Datasheet
223Kb / 16P
Dual High Output Current, High Speed Amplifier
REV.A
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
High Output Current High Speed Dual Operational Amplifier
logo
Analog Devices
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
Dual High Output Current High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
Dual High Output Current, High Speed Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com