Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMXRT1160AXEC Datasheet(PDF) 53 Page - NXP Semiconductors

Part # IMXRT1160AXEC
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1160AXEC Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button IMXRT1160AXEC Datasheet HTML 49Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 50Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 51Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 52Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 53Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 54Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 55Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 56Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 130 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 4, 06/2025
NXP Semiconductors
53
Figure 8. GPIO block diagram
4.3.2.2
Overshoot parameters
When the chip IOs are used for interfacing with external high-speed device, it is very probable that voltage
overshoot and undershoot occur on the high-speed signal path. Here overshoot is defined as the voltage
above VDD and undershoot is voltage below GND. Furthermore, we also define the respective
over/under-shoot area, which is the total area (voltage x time) total area of above VDD / below GND,
respectively.
The overshoot /undershoot depends on the transmission line length (T-Line in mm) and on the terminal
loading (CL in pF). This loading parameter is characteristic of the high-speed device (external SDRAM
for example). Figure 9 illustrates the MCU-SDRAM circuit with overshoot/undershoot occurring. The list
given in Table 40 and Table 41 for different configurations are the maximum allowed
overshoot/undershoot that should not be exceeded to avoid damaging the RT1170 chip. For all the different
configurations, the overshoot/undershoot area (unit:V-ns) should not exceed 0.8Vns, which is an IO
specification.
IOMUX/IOMUXC
Pad
IPP_OBE
IPP_DSE
IPP_DO
IPP_SRE
PU/PD logic
PU/PD device
IPP_PUE
IPP_IND
IPP_IBE
IPP_HYS
INPUT RECEIVER
IPP_PUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com