Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8067 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product, Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8067 Datasheet HTML 8Page - Analog Devices AD8067 Datasheet HTML 9Page - Analog Devices AD8067 Datasheet HTML 10Page - Analog Devices AD8067 Datasheet HTML 11Page - Analog Devices AD8067 Datasheet HTML 12Page - Analog Devices AD8067 Datasheet HTML 13Page - Analog Devices AD8067 Datasheet HTML 14Page - Analog Devices AD8067 Datasheet HTML 15Page - Analog Devices AD8067 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8067
Rev. A | Page 12 of 24
TEST CIRCUITS
5
2
3
1
4
AD8067
110
Ω
1k
Ω
–VEE
+VCC
10
μF
0.1
μF
49.9
Ω
10
μF
0.1
μF
VOUT
VIN
+
+
AV = 10
RL = 1kΩ
Figure 34. Standard Test Circuit
5
2
3
1
4
AD8067
110
Ω
100
Ω
1k
Ω
–VEE
VOUT
+VCC
10
μF
0.1
μF
10
μF
0.1
μF
1k
Ω
V–
+
+
AOL =
VOUT
V–
Figure 35. Open-Loop Gain Test Circuit
5
2
3
1
4
AD8067
110
Ω
1k
Ω
–VEE
+VCC
10
μF
0.1
μF
49.9
Ω
1k
Ω
10
μF
0.1
μF
CLOAD
VOUT
VIN
RSNUB
+
+
AV = 10
Figure 36. Test Circuit for Capacitive Load
5
2
3
1
4
AD8067
110
Ω
1k
Ω
VOUT
–VEE
+VCC
10
μF
0.1
μF
10
μF
0.1
μF
1k
Ω
1k
Ω
+
+
110
Ω
VIN
Figure 37. CMRR Test Circuit
5
2
3
1
4
AD8067
110
Ω
1k
Ω
VOUT
–VEE
+VCC
VIN
10
μF
0.1
μF
100
Ω
1k
Ω
+
Figure 38. Positive PSRR Test Circuit
5
2
3
1
4
AD8067
110
Ω
–VEE
+VCC
10
μF
0.1
μF
10
μF
0.1
μF
NETWORK ANALYZER
1k
Ω
+
+
100
Ω
VOUT
Figure 39. Output Impedance Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com