Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1563G Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1563G
Description  Single-Pole, Normally Open, Current Limited OptoMOS® Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1563G Datasheet(HTML) 4 Page - Littelfuse

  CPC1563G Datasheet HTML 1Page - Littelfuse CPC1563G Datasheet HTML 2Page - Littelfuse CPC1563G Datasheet HTML 3Page - Littelfuse CPC1563G Datasheet HTML 4Page - Littelfuse CPC1563G Datasheet HTML 5Page - Littelfuse CPC1563G Datasheet HTML 6Page - Littelfuse CPC1563G Datasheet HTML 7Page - Littelfuse CPC1563G Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
CPC1563
Temperature (ºC)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
Typical Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
600
620
640
660
680
700
Switch Blocking Voltage
vs. Temperature
(I
F=0mA, IL=1
A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
Typical Leakage Current
vs. Temperature
(V
L=600V)
Applied Voltage (V)
0
5
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
Input to Output Capacitance
vs. Applied Voltage
(I
F=0mA, f=1MHz)
Applied Voltage (V)
0
5
10
15
20
0
50
100
150
200
Switch Capacitance
vs. Applied Voltage
(I
F=0mA, f=1MHz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
150
200
250
300
350
AC/DC Configuration Current Limit
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
16
18
20
22
24
26
28
30
On-Resistance vs. Temperature
(I
F=5mA, IL=100mA)
Load Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Typical Load Current
vs. Load Voltage
(I
F=5mA)
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com