Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM56BIMX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM56BIMX
Description  Dual Output Low Power Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM56BIMX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM56BIMX Datasheet HTML 1Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 2Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 3Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 4Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 5Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 6Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 7Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 8Page - National Semiconductor (TI) LM56BIMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Typical Application
01289303
VT1 = 1.250V x (R1)/(R1 + R2 + R3)
VT2 = 1.250V x (R1 + R2)/(R1 + R2 + R3)
where:
(R1+R2+R3)=27k
Ω and
VT1 or T2 = [6.20 mV/˚C x T] + 395 mV therefore:
R1=VT1/(1.25V) x 27 kΩ
R2=(VT2/(1.25V) x 27 kΩ)−R1
R3=27k
Ω −R1−R2
FIGURE 1. Microprocessor Thermal Management
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com