Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5710R Datasheet(PDF) 39 Page - Analog Devices

Part # AD5710R
Description  8-channel 16-bit Configurable IDAC/VDAC with On-Chip Reference
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5710R Datasheet(HTML) 39 Page - Analog Devices

Back Button AD5710R Datasheet HTML 35Page - Analog Devices AD5710R Datasheet HTML 36Page - Analog Devices AD5710R Datasheet HTML 37Page - Analog Devices AD5710R Datasheet HTML 38Page - Analog Devices AD5710R Datasheet HTML 39Page - Analog Devices AD5710R Datasheet HTML 40Page - Analog Devices AD5710R Datasheet HTML 41Page - Analog Devices AD5710R Datasheet HTML 42Page - Analog Devices AD5710R Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Data Sheet
AD5710R
REGISTERS
analog.com
Rev. 0 | 39 of 56
Table 17. Bit Descriptions for INTERFACE_CONFIG_B (Continued)
Bits
Bit Name
Description
Reset
Access
1: Single Instruction Mode is Enabled.
[6:4]
RESERVED
Reserved.
0x0
R
3
SHORT_INSTRUCTION
Set the Instruction Phase Address to 7 or 15 Bits.
0x0
R
0: 15-bit Addressing.
1: 7-bit Addressing.
[2:0]
RESERVED
Reserved.
0x0
R
Device Configuration Register
Figure 76. Address: 0x02, Reset: 0x00, Name: DEVICE_CONFIG
Table 18. Bit Descriptions for DEVICE_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
OPERATING_MODES
Operating Modes. Read only.
0x0
R
Chip Type Register
The chip type is used to identify the family of ADI devices a given device belongs to and should be used in conjunction with the product ID to
uniquely identify a given product
Figure 77. Address: 0x03, Reset: 0x08, Name: CHIP_TYPE
Table 19. Bit Descriptions for CHIP_TYPE
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Precision DAC.
0x8
R
Product ID Low Register
Low byte of the Product ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com