Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4417-3ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4417-3ARMZ-R7
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4417-3ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADA4417-3
Rev. A | Page 15 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 29. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Order Quantity
Branding
ADA4417-3ARMZ1
−40°C to +85°C
10-Lead MSOP
RM-10
1
H0Q
ADA4417-3ARMZ-R71
−40°C to +85°C
10-Lead MSOP
RM-10
1,000
H0Q
ADA4417-3ARMZ-RL1
−40°C to +85°C
10-Lead MSOP
RM-10
2,500
H0Q
1 Z = RoHS Compliant part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com