Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM74 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM74
Description  SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM74_05 Datasheet HTML 1Page - National Semiconductor (TI) LM74_05 Datasheet HTML 2Page - National Semiconductor (TI) LM74_05 Datasheet HTML 3Page - National Semiconductor (TI) LM74_05 Datasheet HTML 4Page - National Semiconductor (TI) LM74_05 Datasheet HTML 5Page - National Semiconductor (TI) LM74_05 Datasheet HTML 6Page - National Semiconductor (TI) LM74_05 Datasheet HTML 7Page - National Semiconductor (TI) LM74_05 Datasheet HTML 8Page - National Semiconductor (TI) LM74_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Logic Electrical Characteristics (Continued)
DIGITAL DC CHARACTERISTICS Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V for the
LM74CIBP -3, LM74CITP-3, V
+ = 3.0V to 3.6V for the LM74CIM -3 and V+ = 4.5V to 5.5V for the LM74 -5 (Note 6). Boldface
limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ=+25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−3.0
µA (min)
C
IN
All Digital Inputs
20
pF
V
OH
High Level Output Voltage
I
OH = −400 µA
2.4
V (min)
V
OL
Low Level Output Voltage
I
OL =+2 mA
0.4
V (max)
I
O_TRI-STATE
TRI-STATE Output Leakage
Current
V
O = GND
V
O =V
+
−1
+1
µA (min)
µA
(max)
SERIAL BUS DIGITAL SWITCHING CHARACTERISTICS Unless otherwise noted, these specifications apply for V
+ = 2.65V
to 3.6V for the LM74CIBP -3, LM74CITP-3, V
+ = 3.0V to 3.6V for the LM74CIM -3 and V+ = 4.5V to 5.5V for the LM74 -5
(Note 6); C
L (load capacitance) on output lines = 100 pF unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
t
1
SC (Clock) Period
0.16
DC
µs (min)
(max)
t
2
CS Low to SC (Clock) High Set-Up Time
100
ns (min)
t
3
CS Low to Data Out (SO) Delay
70
ns (max)
t
4
SC (Clock) Low to Data Out (SO) Delay
100
ns (max)
t
5
CS High to Data Out (SO) TRI-STATE
200
ns (max)
t
6
SC (Clock) High to Data In (SI) Hold Time
50
ns (min)
t
7
Data In (SI) Set-Up Time to SC (Clock) High
30
ns (min)
10090904
FIGURE 2. Data Output Timing Diagram
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com