Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1972 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1972
Description  1024-Bit EEPROM iButton
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1972 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1972 Datasheet HTML 1Page - Maxim Integrated Products DS1972 Datasheet HTML 2Page - Maxim Integrated Products DS1972 Datasheet HTML 3Page - Maxim Integrated Products DS1972 Datasheet HTML 4Page - Maxim Integrated Products DS1972 Datasheet HTML 5Page - Maxim Integrated Products DS1972 Datasheet HTML 6Page - Maxim Integrated Products DS1972 Datasheet HTML 7Page - Maxim Integrated Products DS1972 Datasheet HTML 8Page - Maxim Integrated Products DS1972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1024-Bit EEPROM iButton
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: 1-Wire WRITE
Standard speed
60
120
Overdrive speed, VPUP > 4.5V
5
15.5
Write-Zero Low Time
(Notes 2, 16, 17)
tW0L
Overdrive speed
6
15.5
μs
Standard speed
1
15
Write-One Low Time
(Notes 2, 17)
tW1L
Overdrive speed
1
2
μs
IO PIN: 1-Wire READ
Standard speed
5
15 -
Read Low Time
(Notes 2, 18)
tRL
Overdrive speed
1
2 -
μs
Standard speed
tRL +
15
Read Sample Time
(Notes 2, 18)
tMSR
Overdrive speed
tRL +
2
μs
EEPROM
Programming Current
IPROG
(Notes 5, 19)
0.8
mA
Programming Time
tPROG
(Note 20)
10
ms
At +25°C
200k
Write/Erase Cycles (Endurance)
(Notes 21, 22)
NCY
At +85°C (worst case)
50k
Data Retention
(Notes 23, 24, 25)
tDR
At +85°C (worst case)
40
Years
Note 1:
Limits are 100% production tested at TA = +25°C and/or TA = +85°C. Limits over the operating temperature range and rel-
evant supply voltage range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 2:
System requirement.
Note 3:
Maximum allowable pullup resistance is a function of the number of 1-Wire devices in the system and 1-Wire recovery times.
The specified value here applies to systems with only one device and with the minimum 1-Wire recovery times. For more
heavily loaded systems, an active pullup such as that found in the DS2482-x00, DS2480B, or DS2490 may be required.
Note 4:
Maximum value represents the internal parasite capacitance when VPUP is first applied. If a 2.2k
Ω resistor is used to pull
up the data line, 2.5µs after VPUP has been applied, the parasite capacitance does not affect normal communications.
Note 5:
Guaranteed by design, characterization, and/or simulation only. Not production tested.
Note 6:
VTL, VTH, and VHY are a function of the internal supply voltage, which is a function of VPUP, RPUP, 1-Wire timing, and
capacitive loading on IO. Lower VPUP, higher RPUP, shorter tREC, and heavier capacitive loading all lead to lower values of
VTL, VTH, and VHY.
Note 7:
Voltage below which, during a falling edge on IO, a logic 0 is detected.
Note 8:
The voltage on IO must be less than or equal to VILMAX at all times the master is driving IO to a logic 0 level.
Note 9:
Voltage above which, during a rising edge on IO, a logic 1 is detected.
Note 10: After VTH is crossed during a rising edge on IO, the voltage on IO must drop by at least VHY to be detected as logic 0.
Note 11: The I-V characteristic is linear for voltages less than 1V.
Note 12: Applies to a single device attached to a 1-Wire line.
Note 13: The earliest recognition of a negative edge is possible at tREH after VTH has been reached on the preceding rising edge.
Note 14: Defines maximum possible bit rate. Equal to tW0LMIN + tRECMIN.
Note 15: Interval after tRSTL during which a bus master is guaranteed to sample a logic 0 on IO if there is a DS1972 present.
Minimum limit is tPDHMAX; maximum limit is tPDHMIN + tPDLMIN.
Note 16: Numbers in bold are not in compliance with legacy 1-Wire product standards. See the
Comparison Table.
Note 17:
ε in Figure 11 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to VTH. The actual
maximum duration for the master to pull the line low is tW1LMAX + tF -
ε and tW0LMAX + tF - ε, respectively.
Note 18:
δ in Figure 11 represents the time required for the pullup circuitry to pull the voltage on IO up from VIL to the input-high
threshold of the bus master. The actual maximum duration for the master to pull the line low is tRLMAX + tF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com