Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM60 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM60
Description  2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM60 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM60 Datasheet HTML 1Page - National Semiconductor (TI) LM60 Datasheet HTML 2Page - National Semiconductor (TI) LM60 Datasheet HTML 3Page - National Semiconductor (TI) LM60 Datasheet HTML 4Page - National Semiconductor (TI) LM60 Datasheet HTML 5Page - National Semiconductor (TI) LM60 Datasheet HTML 6Page - National Semiconductor (TI) LM60 Datasheet HTML 7Page - National Semiconductor (TI) LM60 Datasheet HTML 8Page - National Semiconductor (TI) LM60 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM60
2.7V, SOT-23 or TO-92 Temperature Sensor
General Description
The LM60 is a precision integrated-circuit temperature sen-
sor that can sense a −40˚C to +125˚C temperature range
while operating from a single +2.7V supply. The LM60’s
output voltage is linearly proportional to Celsius (Centigrade)
temperature (+6.25 mV/˚C) and has a DC offset of +424 mV.
The offset allows reading negative temperatures without the
need for a negative supply. The nominal output voltage of the
LM60 ranges from +174 mV to +1205 mV for a −40˚C to
+125˚C temperature range. The LM60 is calibrated to pro-
vide accuracies of ±2.0˚C at room temperature and ±3˚C
over the full −25˚C to +125˚C temperature range.
The LM60’s linear output, +424 mV offset, and factory cali-
bration simplify external circuitry required in a single supply
environment where reading negative temperatures is re-
quired. Because the LM60’s quiescent current is less than
110 µA, self-heating is limited to a very low 0.1˚C in still air in
the SOT-23 package. Shutdown capability for the LM60 is
intrinsic because its inherent low power consumption allows
it to be powered directly from the output of many logic gates.
Features
n
Calibrated linear scale factor of +6.25 mV/˚C
n
Rated for full −40˚ to +125˚C range
n
Suitable for remote applications
n
Available in SOT-23 and TO-92 packages
Applications
n
Cellular Phones
n
Computers
n
Power Supply Modules
n
Battery Management
n
FAX Machines
n
Printers
n
HVAC
n
Disk Drives
n
Appliances
Key Specifications
n
Accuracy at 25˚C:
±2.0 and ±3.0˚C (max)
n
Accuracy for −40˚C to +125˚C:
±4.0˚C (max)
n
Accuracy for −25˚C to +125˚C:
±3.0˚C (max)
n
Temperature Slope:
+6.25mV/˚C
n
Power Supply Voltage Range:
+2.7V to +10V
n
Current Drain @ 25˚C:
110µA (max)
n
Nonlinearity:
±0.8˚C (max)
n
Output Impedance:
800
Ω (max)
Typical Application
Connection Diagrams
SOT-23
01268101
Top View
See NS Package Number mf03a
TO-92
01268123
See NS Package Number Z03A
01268102
VO = (+6.25 mV/˚C x T ˚C) + 424 mV
Temperature (T)
Typical V
O
+125˚C
+1205 mV
+100˚C
+1049 mV
+25˚C
+580 mV
0˚C
+424 mV
−25˚C
+268 mV
−40˚C
+174 mV
FIGURE 1. Full-Range Centigrade Temperature Sensor
(−40˚C to +125˚C) Operating from a Single Li-Ion
Battery Cell
August 2005
© 2005 National Semiconductor Corporation
DS012681
www.national.com


Similar Part No. - LM60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 TI2-LM60 Datasheet
1Mb / 33P
LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
REVISED OCTOBER 2025
LM60-Q1 TI-LM60-Q1 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60-Q1 TI-LM60-Q1 Datasheet
1Mb / 24P
LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60 Datasheet
221Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM62 NSC-LM62_05 Datasheet
639Kb / 7P
2.7V, 15.6 mV/째C SOT-23 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 TI1-LM60BIM3 Datasheet
1Mb / 17P
LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com