Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRF8110-FZ-R005T32 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BRF8110-FZ-R005T32
Description  High Precision Power Foil Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BRF8110-FZ-R005T32 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BRF8110-FZ-R005T32 Datasheet HTML 1Page - Bourns Electronic Solutions BRF8110-FZ-R005T32 Datasheet HTML 2Page - Bourns Electronic Solutions BRF8110-FZ-R005T32 Datasheet HTML 3Page - Bourns Electronic Solutions BRF8110-FZ-R005T32 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BRF Series – High Precision Power Foil Resistor
Features
n
Formerly a Riedon™ product
n
Resistances from 0.001 to 500 Ω
n
Power rating to 2500 W
n
TCR to ±15 PPM/°C
n
Load stability to 0.1 %
n
Very low inductance (<50 nH)
n
RoHS compliant*
Applications
n
Current sensing
n
Power management
n
Industrial power control
n
Energy storage
Electrical Characteristics
Bourns
Model
Power Rating
Resistance
Range
Tolerance
(%)
TCR
@ +20 °C to +60 °C
Thermal
Resistance
(K/W)
Free Air (W) Heat SInk (W)
BRF8065
24
350
1 mΩ to 400 Ω
4 Terminals:
<10 mΩ: 0.5, 1, 2, 5
≥10 mΩ: 0.25, 0.5, 1, 2, 5
≥20 mΩ: 0.1, 0.25, 0.5, 1, 2, 5
2 Terminals:
0.5, 1, 2, 5
4 Terminals
>20 mΩ ±15 PPM
≤ 20 mΩ ±20 PPM
≤ 10 mΩ ±30 PPM
2 Terminals:
±50 PPM
0.16
BRF8110
32
600
1 mΩ to 500 Ω
0.09
BRF8216
60
1200
1 mΩ to 500 Ω
0.04
BRF8320
80
2000
1 mΩ to 500 Ω
0.026
BRF8370
90
2500
1 mΩ to 500 Ω
0.022
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Additional Information
Click these links for more information:
Environmental Characteristics
Specification
Value
Operating Temperature
-40 °C to +130 °C
Max. Working Voltage
√P*R with a maximum of 1500 V
Max. Current
60 A
Thermal EMF
<0.1 μV/K
Storage Conditions
Temperature
Humidity
+5 °C to +35 °C
40 % to 75 %
Moisture Sensitivity Level
1
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
“Bourns” is a registered trademark of Bourns, Inc. in the United States and other countries.
In April 2023, BE Services Company, Inc., a subsidiary of Bourns, Inc., purchased certain assets of Riedon, Inc.,
including its logo and trademarks and the right to continue to manufacture former Riedon™ products.
“Riedon Logo” is a registered trademark of BE Services Company, Inc., in the United States.
“Riedon” is a trademark of BE Services Company, Inc.
CALIFORNIA WARNING:
Can expose you to lead, a carcinogen
and reproductive toxicant.
See www.P65Warnings.ca.gov
Americas: Tel: +1 951-781-5500
Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400
Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117
Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877
Email: eurocus@bourns.com
www.bourns.com
Current Rating Thermal Derating Curve
120
100
80
60
40
20
0
0.5 % STABILITY
0.2 % STABILITY
0.1 % STABILITY
25
50
85
115
100
130
TEMPERATURE OF THE BACKPLATE (°C)
The resistors must be attached to a suitable heat sink. The maximum internal resistor temperature is 155 °C.
Packaging Information
BRF8065, BRF8110.......................2 pcs./box
BRF8216, BRF8320, BRF8370.......1 pc./box


Similar Part No. - BRF8110-FZ-R005T32

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRF8N60 FOSHAN-BRF8N60 Datasheet
868Kb / 6P
N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF8N60 FOSHAN-BRF8N60 Datasheet
235Kb / 2P
N-Channel MOSFET
BRF8N65 FOSHAN-BRF8N65 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a TO-220FL Plastic Package
BRF8N65 FOSHAN-BRF8N65 Datasheet
232Kb / 2P
N-Channel MOSFET
BRF8N80 FOSHAN-BRF8N80 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a TO-220FL Plastic Package
More results

Similar Description - BRF8110-FZ-R005T32

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMR1D VISHAY-SMR1D_07 Datasheet
134Kb / 5P
High Precision Bulk Metal짰 Foil Molded Surface Mount Resistor
14-Nov-07
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
22-May-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
Ultra High Precision Z-Foil Molded Surface Mount Resistor
30-Jul-07
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
26-Mar-10
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
7-Apr-11
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
25-Mar-10
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
20-Mar-12
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
24-Mar-09
logo
Riedon Powertron
UHPC0805 RIEDON-UHPC0805 Datasheet
221Kb / 2P
Foil Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PZFR RESI-PZFR Datasheet
1Mb / 3P
Precision Foil Chip Resistor
2023/03/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com