Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM334 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM334
Description  3-Terminal Adjustable Current Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM334 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM334 Datasheet HTML 4Page - National Semiconductor (TI) LM334 Datasheet HTML 5Page - National Semiconductor (TI) LM334 Datasheet HTML 6Page - National Semiconductor (TI) LM334 Datasheet HTML 7Page - National Semiconductor (TI) LM334 Datasheet HTML 8Page - National Semiconductor (TI) LM334 Datasheet HTML 9Page - National Semiconductor (TI) LM334 Datasheet HTML 10Page - National Semiconductor (TI) LM334 Datasheet HTML 11Page - National Semiconductor (TI) LM334 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Hints (Continued)
If the forward voltage drop of the diode was 0.65V instead of
the estimate of 0.6V (an error of 8%), the actual set current
will be
an error of less than 5%.
If the estimate for the tempco of the diode’s forward voltage
drop was off, the tempco cancellation is still reasonably
effective. Assume the tempco of the diode is 2.6mV/˚C in-
stead of 2.5mV/˚C (an error of 4%). The tempco of the circuit
is now:
A 1mA LM134 current source with no temperature compen-
sation would have a set resistor of 68
Ω and a resulting
tempco of
So even if the diode’s tempco varies as much as ±4% from
its estimated value, the circuit still eliminates 98% of the
LM134’s inherent tempco.
Typical Applications
Ground Referred Fahrenheit Thermometer
00569715
*Select R3 = VREF/583µA. VREF may be any stable positive voltage ≥ 2V
Trim R3 to calibrate
Terminating Remote Sensor for Voltage Output
00569714
Low Output Impedance Thermometer
00569706
*Output impedance of the LM134 at the “R” pin is approximately
where R2 is the equivalent external resistance connected from the V
pin
to ground. This negative resistance can be reduced by a factor of 5 or
more by inserting an equivalent resistor R3 =(R2/16) in series with the
output.
Low Output Impedance Thermometer
00569716
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com