Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8032ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8032ARZ
Description  2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8032ARZ Datasheet HTML 5Page - Analog Devices AD8032ARZ Datasheet HTML 6Page - Analog Devices AD8032ARZ Datasheet HTML 7Page - Analog Devices AD8032ARZ Datasheet HTML 8Page - Analog Devices AD8032ARZ Datasheet HTML 9Page - Analog Devices AD8032ARZ Datasheet HTML 10Page - Analog Devices AD8032ARZ Datasheet HTML 11Page - Analog Devices AD8032ARZ Datasheet HTML 12Page - Analog Devices AD8032ARZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8031/AD8032
Rev. C | Page 9 of 20
10
0
–10
INPUT VOLTAGE (V)
100
90
10
0%
VS =5V
500mV
500mV
1V
–1.5
0.5
2.5
4.5
6.5
110
105
60
90
75
70
65
100
95
80
85
0
2k4k6k8k
10k
RLOAD (Ω)
VS =5V
+AOL
–AOL
Figure 20. Open-Loop Gain (A
Figure 23. Differential Input Overvoltage I-V Characteristics
) vs. R
OL
LOAD
86
84
76
82
80
78
–40 –30 –20 –10
0
10 20 30 40 50 60
70 80
90
TEMPERATURE (°C)
VS =5V
RL =1kΩ
–AOL
+AOL
0.05
–0.15
–0.05
–0.10
0
0.10
–0.10
0
–0.05
0.05
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
Figure 21. Open Loop Gain vs. (AOL) Temperature
Figure 24. Differential Gain and Phase @ V = ±5 V; R
S
L
= 1 kΩ
110
80
50
100
90
70
60
VOUT (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS =5V
RLOAD =10kΩ
RLOAD =1kΩ
FREQUENCY (Hz)
100
30
0.3
10
3
1
100
10
1
0.1
10
100
1k
10k
100k
1M
10M
VS =5V
CURRENT NOISE
VOLTAGE NOISE
Figure 22. Open-Loop Gain (A ) vs. V
OL
OUT
Figure 25. Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com