Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8571 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8571 Datasheet HTML 14Page - Analog Devices AD8571 Datasheet HTML 15Page - Analog Devices AD8571 Datasheet HTML 16Page - Analog Devices AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices AD8571 Datasheet HTML 20Page - Analog Devices AD8571 Datasheet HTML 21Page - Analog Devices AD8571 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8571/AD8572/AD8574
Rev. C | Page 18 of 24
BROADBAND AND EXTERNAL RESISTOR NOISE CONSIDERATIONS
The total broadband noise output from any amplifier is
primarily a function of three types of noise: input voltage noise
from the amplifier, input current noise from the amplifier,
and Johnson noise from the external resistors used around the
amplifier. Input voltage noise, or en, is strictly a function of the
amplifier used. The Johnson noise from a resistor is a function
of the resistance and the temperature. Input current noise, or in,
creates an equivalent voltage noise proportional to the resistors
used around the amplifier. These noise sources are not correlated
with each other and their combined noise sums in a root-
squared-sum fashion. The full equation is given as
2
/
1
2
2
,
]
)
(
4
[
s
n
s
n
TOTAL
n
r
i
kTr
e
e
+
+
=
(15)
The output overdrive recovery for an autocorrection amplifier is
defined as the time it takes for the output to correct to its final
voltage from an overload state. It is measured by placing the
amplifier in a high gain configuration with an input signal that
forces the output voltage to the supply rail. The input voltage is
then stepped down to the linear region of the amplifier, usually
to halfway between the supplies. The time from the input signal
step-down to the output settling to within 100 μV of its final
value is the overdrive recovery time. Many autocorrection
amplifiers require a number of auto-zero clock cycles to recover
from output overdrive, and some can take several milliseconds
for the output to settle properly.
INPUT OVERVOLTAGE PROTECTION
where:
e
Although the AD857x are rail-to-rail input amplifiers, care
should be taken to ensure that the potential difference between
the inputs does not exceed 5 V. Under normal operating conditions,
the amplifier corrects its output to ensure the two inputs are at the
same voltage. However, if the device is configured as a comparator,
or is under some unusual operating condition, the input
voltages may be forced to different potentials, which could
cause excessive current to flow through the internal diodes in
the AD857x used to protect the input stage against overvoltage.
n
is the input voltage noise of the amplifier.
in
is the input current noise of the amplifier.
rs
is the source resistance connected to the noninverting
terminal.
k
is Boltzmann’s constant (1.38 × 10−23 J/K).
T
is the ambient temperature in Kelvin (K = 273.15 + °C).
The input voltage noise density, en, of the AD857x is 51 nV/√Hz,
and the input noise, in, is 2 fA/√Hz. The en, TOTAL is dominated by
the input voltage noise provided that the source resistance is less
than 172 kΩ. With source resistance greater than 172 kΩ, the
overall noise of the system is dominated by the Johnson noise of
the resistor itself.
If either input exceeds either supply rail by more than 0.3 V,
large amounts of current begin to flow through the ESD
protection diodes in the amplifier. These diodes are connected
between the inputs and each supply rail to protect the input
transistors against an electrostatic discharge event and are
normally reverse-biased. However, if the input voltage exceeds
the supply voltage, these ESD diodes become forward-biased.
Without current-limiting, excessive amounts of current can
flow through these diodes, causing permanent damage to the
device. If inputs are subject to overvoltage, appropriate series
resistors should be inserted to limit the diode current to less
than 2 mA.
Because the input current noise of the AD857x is very small, in
does not become a dominant term unless rs > 4 GΩ, which is an
impractical value of source resistance.
The total noise, en, TOTAL, is expressed in volts-per-square-root
Hertz, and the equivalent rms noise over a certain bandwidth
can be found as
BW
e
e
TOTAL
n
n
×
=
,
(16)
OUTPUT PHASE REVERSAL
where BW is the bandwidth of interest in Hertz.
Output phase reversal occurs in some amplifiers when the input
common-mode voltage range is exceeded. As common-mode
voltage moves outside the common-mode range, the outputs of
these amplifiers suddenly jump in the opposite direction to
the supply rail. This is the result of the differential input pair
shutting down, causing a radical shifting of internal voltages
that results in the erratic output behavior.
OUTPUT OVERDRIVE RECOVERY
The AD857x amplifiers have an excellent overdrive recovery
of only 200 μs from either supply rail. This characteristic is
particularly difficult for autocorrection amplifiers because the
nulling amplifier requires a substantial amount of time to error
correct the main amplifier back to a valid output. Figure 29 and
Figure 30 show the positive and negative overdrive recovery
times for the AD857x.
The AD857x amplifier has been carefully designed to prevent
any output phase reversal, provided both inputs are maintained
within the supply voltages. If one or both inputs exceed either
supply voltage, a resistor should be placed in series with the
input to limit the current to less than 2 mA to ensure the output
does not reverse its phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com