Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8604DR Datasheet(PDF) 13 Page - Analog Devices

Part # AD8604DR
Description  Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8604DR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8604DR Datasheet HTML 9Page - Analog Devices AD8604DR Datasheet HTML 10Page - Analog Devices AD8604DR Datasheet HTML 11Page - Analog Devices AD8604DR Datasheet HTML 12Page - Analog Devices AD8604DR Datasheet HTML 13Page - Analog Devices AD8604DR Datasheet HTML 14Page - Analog Devices AD8604DR Datasheet HTML 15Page - Analog Devices AD8604DR Datasheet HTML 16Page - Analog Devices AD8604DR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. D
AD8601/AD8602/AD8604
–13–
SETTLING TIME – ns
5
5
3
0
1
3
4
2
1
01,000
200
400
600
800
0.1%
0.01%
0.01%
0.1%
2
4
VS = 5V
TA = 25 C
TPC 49. Output Swing vs. Settling Time
THEORY OF OPERATION
The AD8601/AD8602/AD8604 family of amplifiers are rail-to-
rail input and output precision CMOS amplifiers that operate
from 2.7 V to 5.0 V of power supply voltage. These amplifiers
use Analog Devices’ DigiTrim® technology to achieve a higher
degree of precision than available from most CMOS amplifiers.
DigiTrim technology is a method of trimming the offset volt-
age of the amplifier after it has already been assembled. The
advantage in post-package trimming lies in the fact that it cor-
rects any offset voltages due to the mechanical stresses of
assembly. This technology is scalable and used with every
package option, including SOT-23-5, providing lower offset
voltages than previously achieved in these small packages.
The DigiTrim process is done at the factory and does not add
additional pins to the amplifier. All AD860x amplifiers are
available in standard op amp pinouts, making DigiTrim com-
pletely transparent to the user. The AD860x can be used in any
precision op amp application.
The input stage of the amplifier is a true rail-to-rail architecture,
allowing the input common-mode voltage range of the op amp
to extend to both positive and negative supply rails. The voltage
swing of the output stage is also rail-to-rail and is achieved by
using an NMOS and PMOS transistor pair connected in a com-
mon-source configuration. The maximum output voltage swing
is proportional to the output current, and larger currents will
limit how close the output voltage can get to the supply rail.
This is a characteristic of all rail-to-rail output amplifiers. With
1 mA of output current, the output voltage can reach within
20 mV of the positive rail and within 15 mV of the negative rail.
At light loads of >100 k
Ω, the output swings within ~1 mV of
the supplies.
The open-loop gain of the AD860x is 80 dB, typical, with a load
of 2 k
Ω. Because of the rail-to-rail output configuration, the
gain of the output stage and the open-loop gain of the amplifier
are dependent on the load resistance. Open-loop gain will de-
crease with smaller load resistances. Again, this is a characteristic
inherent to all rail-to-rail output amplifiers.
Rail-to-Rail Input Stage
The input common-mode voltage range of the AD860x extends
to both positive and negative supply voltages. This maximizes the
usable voltage range of the amplifier, an important feature for
single-supply and low voltage applications. This rail-to-rail
input range is achieved by using two input differential pairs, one
NMOS and one PMOS, placed in parallel. The NMOS pair is
active at the upper end of the common-mode voltage range, and
the PMOS pair is active at the lower end.
The NMOS and PMOS input stages are separately trimmed
using DigiTrim to minimize the offset voltage in both differen-
tial pairs. Both NMOS and PMOS input differential pairs are
active in a 500 mV transition region, when the input common-
mode voltage is between approximately 1.5 V and 1 V below the
positive supply voltage. Input offset voltage will shift slightly in
this transition region, as shown in TPCs 5 and 6. Common-
mode rejection ratio will also be slightly lower when the input
common-mode voltage is within this transition band. Compared
to the Burr Brown OPA2340 rail-to-rail input amplifier, shown
in Figure 1, the AD860x, shown in Figure 2, exhibits lower
offset voltage shift across the entire input common-mode range,
including the transition region.
VCM – V
0.7
0.4
1.4
0
5
1
23
4
0.2
0.5
0.8
1.1
0.1
Figure 1. Burr Brown OPA2340UR Input Offset
Voltage vs. Common-Mode Voltage, 24 SOIC
Units @ 25
°C
VCM – V
0.7
0.4
1.4
0
5
1
23
4
0.2
0.5
0.8
1.1
0.1
Figure 2. AD8602AR Input Offset Voltage vs.
Common-Mode Voltage, 300 SOIC Units @ 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com