Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301C6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F301C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 96Page - STMicroelectronics STM32F301C6 Datasheet HTML 97Page - STMicroelectronics STM32F301C6 Datasheet HTML 98Page - STMicroelectronics STM32F301C6 Datasheet HTML 99Page - STMicroelectronics STM32F301C6 Datasheet HTML 100Page - STMicroelectronics STM32F301C6 Datasheet HTML 101Page - STMicroelectronics STM32F301C6 Datasheet HTML 102Page - STMicroelectronics STM32F301C6 Datasheet HTML 103Page - STMicroelectronics STM32F301C6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 141 page
background image
6.3.18
ADC characteristics
Unless otherwise specified, the parameters given in Table 63 to Table 65 are guaranteed by design, with conditions summarized in
Table 23.
Table 63. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
ADC
-2
-
3.6
V
IDDA
ADC current consumption
(see Figure 31)
Single-ended mode,
5 MSPS
-
1011.3
1172.0
µA
Single-ended mode,
1 MSPS
-
214.7
322.3
Single-ended mode,
200 KSPS
-
54.7
81.1
Differential mode, 5 MSPS
-
1061.5
1243.6
Differential mode, 1 MSPS
-
246.6
337.6
Differential mode,
200 KSPS
-
56.4
83.0
fADC
ADC clock frequency
-
0.14
-
72
MHz
fS(1)
Sampling rate
Resolution = 12 bits,
Fast Channel
0.01
-
5.14
MSPS
Resolution = 10 bits,
Fast Channel
0.012
-
6
Resolution = 8 bits,
Fast Channel
0.014
-
7.2
Resolution = 6 bits,
Fast Channel
0.0175
-
9
fTRIG(1)
External trigger frequency
fADC = 72 MHz
Resolution = 12 bits
-
-
5.14
MHz
Resolution = 12 bits
-
-
14
1/fADC
VAIN
Conversion voltage range
-
0
-
VDDA
V
RAIN(1)
External input impedance
-
-
-
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com