Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F301C6 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32F301C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 – 3.6 V
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301C6 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32F301C6 Datasheet HTML 105Page - STMicroelectronics STM32F301C6 Datasheet HTML 106Page - STMicroelectronics STM32F301C6 Datasheet HTML 107Page - STMicroelectronics STM32F301C6 Datasheet HTML 108Page - STMicroelectronics STM32F301C6 Datasheet HTML 109Page - STMicroelectronics STM32F301C6 Datasheet HTML 110Page - STMicroelectronics STM32F301C6 Datasheet HTML 111Page - STMicroelectronics STM32F301C6 Datasheet HTML 112Page - STMicroelectronics STM32F301C6 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 141 page
background image
DS9895 Rev 8
109/141
STM32F301x6 STM32F301x8
Electrical characteristics
115
6.3.19
DAC electrical specifications
Table 68. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage DAC output buffer ON
2.4
-
3.6
V
RLOAD(1) Resistive load
DAC output buffer ON
Connected to VSSA
5-
-
k
Ω
Connected to VDDA
25
---
RO(1)
Output impedance
DAC output buffer ON
-
-
15
k
Ω
CLOAD(1) Capacitive load
DAC output buffer ON
-
-
50
pF
VDAC_OUT
(1)
Voltage on DAC_OUT
output
Corresponds to 12-bit input code (0x0E0) to
(0xF1C) at VDDA = 3.6 V
and (0x155) and (0xEAB) at VDDA = 2.4 V
DAC output buffer ON.
0.2
-
VDDA – 0.2
V
DAC output buffer OFF
-
0.5
VDDA -
1LSB
mV
IDDA(3)
DAC DC current
consumption in
quiescent mode
(Standby mode)(2)
With no load, middle code (0x800) on the
input.
--
380
µA
With no load, worst code (0xF1C) on the input.
-
-
480
µA
DNL(3)
Differential non
linearity Difference
between two
consecutive code-
1LSB)
Given for a 10-bit input code
-
-
±0.5
LSB
Given for a 12-bit input code
-
-
±2
LSB
INL(3)
Integral non linearity
(difference between
measured value at
Code i and the value
at Code i on a line
drawn between Code
0 and last Code 4095)
Given for a 10-bit input code
-
-
±1
LSB
Given for a 12-bit input code
-
-
±4
LSB
Offset(3)
Offset error (difference
between measured
value at Code (0x800)
and the ideal value =
VDDA/2)
--
-
±10
mV
Given for a 10-bit input code at VDDA = 3.6 V
-
-
±3
LSB
Given for a 12-bit input code at VDDA = 3.6 V
-
-
±12
LSB
Gain error(3) Gain error
Given for a 12-bit input code
-
-
±0.5
%
tSETTLING(3)
Settling time (full
scale: for a 12-bit input
code transition
between the lowest
and the highest input
codes when
DAC_OUT reaches
CLOAD
≤50 pF,
RLOAD
≥ 5 kΩ
-3
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com