Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM199 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM199
Description  Precision Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM199 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM199_05 Datasheet HTML 1Page - National Semiconductor (TI) LM199_05 Datasheet HTML 2Page - National Semiconductor (TI) LM199_05 Datasheet HTML 3Page - National Semiconductor (TI) LM199_05 Datasheet HTML 4Page - National Semiconductor (TI) LM199_05 Datasheet HTML 5Page - National Semiconductor (TI) LM199_05 Datasheet HTML 6Page - National Semiconductor (TI) LM199_05 Datasheet HTML 7Page - National Semiconductor (TI) LM199_05 Datasheet HTML 8Page - National Semiconductor (TI) LM199_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
Specifications for Military/Aerospace products are not
contained in this datasheet. Refer to the following Reli-
ability
Electrical
Test
Specifications
documents:
MNLM199A-X and SMD#5962-88561 .
Temperature Stabilizer Voltage
LM199/LM299/LM399
40V
Reverse Breakdown Current
20 mA
Forward Current
LM199/LM299/LM399
1 mA
Reference to Substrate Voltage V
(RS) (Note 2)
40V
−0.1V
Operating Temperature Range
LM199
−55˚C to +125˚C
LM299
−25˚C to +85˚C
LM399
−0˚C to +70˚C
Storage Temperature Range
−55˚C to +150˚C
Soldering Information
TO-46 package (10 sec.)
+300˚C
Electrical Characteristics (Notes 3, 6)
Parameter
Conditions
LM299H
LM399H
Units
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage
0.5 mA
≤ I
R
≤ 10 mA
6.8
6.95
7.1
6.6
6.95
7.3
V
Reverse Breakdown Voltage
0.5 mA
≤ I
R
≤ 10 mA
6
9
6
12
mV
Change with Current
Reverse Dynamic Impedance
I
R = 1 mA
0.5
1
0.5
1.5
Ω
Reverse Btreakdown
Temperature Coefficient
−25˚C
≤T
A
≤85˚C
LM299
0.00003
0.0001
%/˚C
0˚C
≤T
A
≤+70˚C
LM399
0.00003
0.0002
%/˚C
RMS Noise
10 Hz
≤ f ≤ 10 kHz
7
20
7
50
µV
Long Term Stability
Stabilized, 22˚C
≤T
A
≤28˚C,
20
20
ppm
1000 Hours, I
R=1 mA±0.1%
Temperature Stabilizer
T
A=25˚C, Still Air, VS=30V
8.5
14
8.5
15
mA
Supply Current
T
A =− 55˚C
22
28
Temperature Stabilizer
9
40
9
40
V
Supply Voltage
Warm-Up Time to 0.05%
V
S = 30V, TA = 25˚C
3
3
sec.
Initial Turn-on Current
9
≤V
S
≤40, T
A=+25˚C, (Note 4)
140
200
140
200
mA
Electrical Characteristics (Notes 3, 6)
Parameter
Conditions
LM199AH
LM399AH
Units
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage
0.5 mA
≤ I
R
≤ 10 mA
6.8
6.95
7.1
6.6
6.95
7.3
V
Reverse Breakdown Voltage
0.5 mA
≤ I
R
≤ 10 mA
6
9
6
12
mV
Change with Current
Reverse Dynamic Impedance
I
R = 1 mA
0.5
1
0.5
1.5
Ω
Reverse Breakdown
Temperature Coefficient
−55˚C
≤T
A
≤+85˚C
LM199A
0.00002
0.00005
%/˚C
+85˚C
≤T
A
≤+125˚C
0.0005
0.0010
%/˚C
0˚C
≤T
A
≤+70˚C
LM399A
0.00003
0.0001
%/˚C
RMS Noise
10 Hz
≤ f ≤ 10 kHz
7
20
7
50
µV
Long Term Stability
Stabilized, 22˚C
≤T
A
≤28˚C,
20
20
ppm
1000 Hours, I
R=1 mA±0.1%
Temperature Stabilizer
T
A=25˚C, Still Air, VS=30V
8.5
14
8.5
15
mA
Supply Current
T
A =− 55˚C
22
28
Temperature Stabilizer
9
40
9
40
V
Supply Voltage
Warm-Up Time to 0.05%
V
S = 30V, TA = 25˚C
3
3
sec.
Initial Turn-on Current
9
≤V
S
≤40, T
A=+25˚C, (Note 4)
140
200
140
200
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com