Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4051 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4051
Description  Precision Micropower Shunt Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4051 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4051 Datasheet HTML 1Page - National Semiconductor (TI) LM4051 Datasheet HTML 2Page - National Semiconductor (TI) LM4051 Datasheet HTML 3Page - National Semiconductor (TI) LM4051 Datasheet HTML 4Page - National Semiconductor (TI) LM4051 Datasheet HTML 5Page - National Semiconductor (TI) LM4051 Datasheet HTML 6Page - National Semiconductor (TI) LM4051 Datasheet HTML 7Page - National Semiconductor (TI) LM4051 Datasheet HTML 8Page - National Semiconductor (TI) LM4051 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
Industrial Temperature Range (−40˚C to +85˚C)
Reverse Breakdown
Voltage Tolerance at 25˚C and Average
Reverse Breakdown
Voltage Temperature Coefficient
LM4051 Supplied as 1000 Units,
Tape and Reel
LM4051 Supplied as 3000 Units,
Tape and Reel
±0.1%, 50 ppm/˚C max (A grade)
LM4051AIM3-1.2
LM4051AIM3X-1.2
LM4051AIM3-ADJ
LM4051AIM3X-ADJ
±0.2%, 50 ppm/˚C max (B grade)
LM4051BIM3-1.2
LM4051BIM3X-1.2
LM4051BIM3-ADJ
LM4051BIM3X-ADJ
±0.5%, 50 ppm/˚C max (C grade)
LM4051CIM3-1.2
LM4051CIM3X-1.2
LM4051CIM3-ADJ
LM4051CIM3X-ADJ
Extended Temperature Range (−40˚C to +125˚C)
Reverse Breakdown
Voltage Tolerance at 25˚C and Average
Reverse Breakdown
Voltage Temperature Coefficient
LM4051 Supplied as 1000 Units,
Tape and Reel
LM4051 Supplied as 3000 Units,
Tape and Reel
±0.1%, 50 ppm/˚C max (A grade)
LM4051AEM3-1.2
LM4051AEM3X-1.2
LM4051AEM3-ADJ
LM4051AEM3X-ADJ
±0.2%, 50 ppm/˚C max (B grade)
LM4051BEM3-1.2
LM4051BEM3X-1.2
LM4051BEM3-ADJ
LM4051BEM3X-ADJ
±0.5%, 50 ppm/˚C max (C grade)
LM4051CEM3-1.2
LM4051CEM3X-1.2
LM4051CEM3-ADJ
LM4051CEM3X-ADJ
SOT-23 Package Marking Information
Only three fields of marking are possible on the SOT-23’s small surface. This table gives the meaning of
the three fields.
Part Marking
Field Definition
RHA
First Field:
RIA
R = Reference
RHB
Second Field:
RIB
H = 1.225V Voltage Option
RHC
I = Adjustable
RIC
Third Field:
A–C = Initial Reverse Breakdown
Voltage or Reference Voltage Tolerance
A= ±0.1%, B = ±0.2%, C = ±0.5%
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com