Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

623 Datasheet(PDF) 2 Page - Wilmar LLC

Part # 623
Description  Suggested New Additions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERFORMANCETOOLS [Wilmar LLC]
Direct Link  https://wilmarllc.com/
Logo PERFORMANCETOOLS - Wilmar LLC

623 Datasheet(HTML) 2 Page - Wilmar LLC

  623 Datasheet HTML 1Page - Wilmar LLC 623 Datasheet HTML 2Page - Wilmar LLC 623 Datasheet HTML 3Page - Wilmar LLC 623 Datasheet HTML 4Page - Wilmar LLC 623 Datasheet HTML 5Page - Wilmar LLC 623 Datasheet HTML 6Page - Wilmar LLC 623 Datasheet HTML 7Page - Wilmar LLC 623 Datasheet HTML 8Page - Wilmar LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Newar Element 14_Suggested Addition_June19
Wilmar Corporation
Quotation Form - Page 2 of 8
Presented To:
Unless noted all quoted prices are valid for 30 days. Prepared on 6/13/2019
3-in-1 Multi-Cutter
Part No.
Inner
Master
Min
UPC
W2045
6
24
039564132759
Mst Pack
12.5 D x 14.2 W x 21.2 H
Weight
37.4
Carded
Three tools in one - anvil cutter, wire cutter and box cutters. Razor sharp blades cut
easily through plastic, linoleum, shrubs, thick leather, all types of hoses, automotive
belts, soft metal, tubing, pipe, dowels, hobby & craft items and more. Heat treated
and hardened carbon steel blades are stronger and last longer. Titanium coated
wire cutter makes it easy to trim 7mm diameter copper, aluminum and soft steel
wire or cable and up to 4mm diameter nails. Retractable anvil exposes 3/8 inch
(10mm) of the blade for cutting boxes, carpet, drywall and more. Comfortable slip
6 Replacement Blades for W2045
Part No.
Inner
Master
Min
UPC
W2045-1
12
144
039564013294
Mst Pack
11 D x 11.5 W x 15 H
Weight
30.8
Carded
Razor sharp blades cut easily through plastic, linoleum, shrubs, thick leather, all
types of hoses, automotive belts, soft metal, tubing, pipe, dowels, hobby & craft
items and more. Heat treated and hardened carbon steel blades are stronger and
last longer. Includes 2 cartridges with 3 blades each, designed to slide directly into
Multi-Cutter handle. For use with Performance Tool 3-in-1 Multi-Cutter model
W2045.
Razor Blade Scraper
Part No.
Inner
Master
Min
UPC
W1513
6
72
039564132773
Mst Pack
20.5 D x 15 W x 15.5 H
Weight
30.55
Carded
Ergonomic non slip molded grip for improved comfort and control. Comes with 5
steel and 1 plastic blade. Handy for removing stickers, labels, and other debris. US
Patent Number D693201.
4" Universal-Joint Bit Holder
Part No.
Inner
Master
Min
UPC
W9034
10
100
039564133237
Mst Pack
0 D x 0 W x 0 H
Weight
Hang Tab
Unique locking and swivel design provides a 30º angle for hard to reach fasteners.
Universal joint feature can also be disengaged and used as a straight extension. Free
spinning collar allows you to maintain a positive grip while fastening. Durable Cr-Mo
construction with black phosphate finish.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com