Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2C1UL Datasheet(PDF) 1 Page - Altech corporation

Part # 2C1UL
Description  UL-Series - UL489 Miniature Molded Case Circuit Breaker - 2 pole C-Trip - AC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2C1UL Datasheet(HTML) 1 Page - Altech corporation

  2C1UL Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UL-Series - UL489 Miniature Molded Case Circuit Breaker -
2 pole C-Trip - AC
Two Pole
Standard Pack: 6
Weight:
0.3-32A:
1.74kg (3.83lb.)
40-63A:
1.98kg (4.37lb.)
2 Pole
35 mm
68.4 mm
51.5 mm
30.5 mm
51.5 mm
37.5 mm
25.5 mm
14.5 mm
84
67
Rated
Type/
Rated
Current
Cat. No.
Voltage
0.3A
2C03UL
480Y/277V AC
0.5A
2C05UL
480Y/277V AC
1.0A
2C1UL
480Y/277V AC
1.6A
2C1.6UL
480Y/277V AC
2.0A
2C2UL
480Y/277V AC
3.0A
2C3UL
480Y/277V AC
4.0A
2C4UL
480Y/277V AC
5.0A
2C5UL
480Y/277V AC
6.0A
2C6UL
480Y/277V AC
8.0A
2C8UL
480Y/277V AC
10A
2C10UL
480Y/277V AC
12A
2C12UL
480Y/277V AC
13A
2C13UL
480Y/277V AC
15A
2C15UL
480Y/277V AC
16A
2C16UL
480Y/277V AC
20A
2C20UL
480Y/277V AC
25A
2C25UL
480Y/277V AC
30A
2C30UL
480Y/277V AC
32A
2C32UL
480Y/277V AC
40A
2C40UL
240V AC
50A
2C50UL
240V AC
60A
2C60UL
240V AC
63A
2C63UL
240V AC
LISTED
C
US
E329510
C.B.
Current/ Voltage Rating
Calibration Temperature
Ambient Temperature
Storage Temperature
Terminal Torque (min/max)
Electrical Life
Mechanical Life
Vibration Resistance
Resistance to mechanical shocks
0.3 - 63A/ 240V AC, 0.3-32A/ 480Y/277V AC*
40ºC (104ºF)
-25ºC to +55ºC (-13ºF to 131ºF )
-40ºC to +70ºC (-40ºF to 158ºF )
2 Nm (17.7 lb.in.) / 2.5Nm (22.2 lb.in)
6000 switching cycles ON/ OFF
10000 switching cycles ON/ OFF
> 15g according to DIN EN 60069-2-59 during a load
with I1 = 1.05 x IN
25g @ 11ms
*One device dual voltage ratings.
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
12
3 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 135% RC
“Must Not Trip” > 1 hr = 105% RC
1.05-1.35xI
N
0.3A Through 10A Rated Current
10-3
4x10-3
10-2
4x10-2
10-1
0.4
1
4
10
1
4
10
40
60
12
3 4 5 68 10
20
40
100
Multiple of Rated Current
Thermal Overload
“Must Trip” < 1 hr = 135% RC
“Must Not Trip” > 1 hr = 105% RC
1.05-1.35xI
N
12A Through 63A Rated Current
AC
No.
Poles
Type
03-32A
33-63A
2-3
AC
10kA @ 120, 240,
10kA @ 120
480Y/277V
240V
Short Circuit Interrupting Capacity
“C” Magnetic Trip Parameters
Rated current 0.3A to 63A.
1. Hold for a minimum of 100ms at surge of 5 times rated current.
2. Trip in under 100ms at 10 times rated current.


Similar Part No. - 2C1UL

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2C1UM ALTECH-2C1UM Datasheet
551Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
More results

Similar Description - 2C1UL

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ABS103U15A ALTECH-ABS103U15A Datasheet
932Kb / 10P
Molded Case Circuit Breakers UL489 Listed
1CU02L ALTECH-1CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
1DU02L ALTECH-1DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
2CU02L ALTECH-2CU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
3DU02L ALTECH-3DU02L Datasheet
1Mb / 2P
L-Series - UL489 Miniature Molded Case Circuit Breaker
logo
Schneider Electric
PGP36080U44ASA SCHNEIDER-PGP36080U44ASA Datasheet
149Kb / 2P
Molded Case Circuit Breaker 600V 800A, Shunt Trip
Oct 26, 2020
PJL36080CU31ASA SCHNEIDER-PJL36080CU31ASA Datasheet
144Kb / 2P
Molded Case Circuit Breaker 600V 600A, Shunt Trip
Oct 29, 2020
PJL36080U31ASA SCHNEIDER-PJL36080U31ASA Datasheet
144Kb / 2P
Molded Case Circuit Breaker 600V 800A, Shunt Trip
Oct 29, 2020
PJL36080U33ASA SCHNEIDER-PJL36080U33ASA Datasheet
144Kb / 2P
Molded Case Circuit Breaker 600V 800A, Shunt Trip
Oct 29, 2020
PJL36120U31ESK SCHNEIDER-PJL36120U31ESK Datasheet
126Kb / 2P
Molded Case Circuit Breaker 600V 1200A, Shunt Trip
Oct 29, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com