Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM431CCM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM431CCM
Description  Adjustable Precision Zener Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM431CCM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM431CCM Datasheet HTML 1Page - National Semiconductor (TI) LM431CCM Datasheet HTML 2Page - National Semiconductor (TI) LM431CCM Datasheet HTML 3Page - National Semiconductor (TI) LM431CCM Datasheet HTML 4Page - National Semiconductor (TI) LM431CCM Datasheet HTML 5Page - National Semiconductor (TI) LM431CCM Datasheet HTML 6Page - National Semiconductor (TI) LM431CCM Datasheet HTML 7Page - National Semiconductor (TI) LM431CCM Datasheet HTML 8Page - National Semiconductor (TI) LM431CCM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Ordering Information
Package
Typical Accuracy Order Number/Package
Marking
Temperature
Range
Transport Media
NSC
Drawing
0.5%
1%
2%
TO-92
LM431CCZ/
LM431CCZ
LM431BCZ/
LM431BCZ
LM431ACZ/
LM431ACZ
0˚C to +70˚C
Rails
Z03A
LM431CIZ/
LM431CIZ
LM431BIZ/
LM431BIZ
LM431AIZ/
LM431AIZ
−40˚C to +85˚C
SO-8
LM431CCM/
431CCM
LM431BCM/
431BCM
LM431ACM/
LM431ACM
0˚C to +70˚C
Rails
M08A
LM431CCMX/
431CCM
LM431BCMX/
431BCM
LM431ACMX/
LM431ACM
Tape & Reel
LM431CIM/
431CIM
LM431BIM/
431BIM
LM431AIM/
LM431AIM
−40˚C to +85˚C
Rails
LM431CIMX/
431CIM
LM431BIMX/
431BIM
LM431AIMX/
LM431AIM
Tape &Reel
SOT-23
LM431CCM3/
N1B
LM431BCM3/
N1D
LM431ACM3/
N1F
0˚C to +70˚C
Rails
MF03A
LM431CCM3X/
N1B
LM431BCM3X/
N1D
LM431ACM3X/
N1F
Tape & Reel
LM431CIM3
N1A
LM431BIM3
N1C
LM431AIM3
N1E
−40˚C to +85˚C
Rails
LM431CIM3X
N1A
LM431BIM3X
N1C
LM431AIM3X
N1E
Tape &Reel
micro SMD
––
LM431AIBP
LM431AIBPX
(Note 1)
−40˚C to +85˚C
250 Units Tape and
Reel
3k Units Tape and
Reel
BPA04AFB
Note 1: The micro SMD package marking is a 1 digit manufacturing Date Code only
micro SMD Top View Marking Example
01005556
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com