Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1061CSW Datasheet(PDF) 5 Page - Analog Devices

Part # LTC1061CSW
Description  High Performance Triple Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1061CSW Datasheet(HTML) 5 Page - Analog Devices

  LTC1061CSW Datasheet HTML 1Page - Analog Devices LTC1061CSW Datasheet HTML 2Page - Analog Devices LTC1061CSW Datasheet HTML 3Page - Analog Devices LTC1061CSW Datasheet HTML 4Page - Analog Devices LTC1061CSW Datasheet HTML 5Page - Analog Devices LTC1061CSW Datasheet HTML 6Page - Analog Devices LTC1061CSW Datasheet HTML 7Page - Analog Devices LTC1061CSW Datasheet HTML 8Page - Analog Devices LTC1061CSW Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1061
1061fe
DESCRIPTIO A D
PI
APPLICATIO
HI TS
–
+
Σ
+
∫
Σ
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
CLOCK
GENERATOR
CLOCK
GENERATOR
CLOCK
GENERATOR
CLK
(8)
LEVEL SHIFT
(9)
TO FILTER A
TO FILTER B
TO FILTER C
+
∫
+
∫
+
∫
+
∫
+
∫
50/100/
HOLD
(7)
AGND
(6)
V+
(10)
V –
(15)
HPC
(12)
S1B
(16)
BPC
(13)
LPC
(14)
S1A
(5)
NB
(18)
BPB
(19)
LPB
(20)
NA
(3)
BPA
(2)
LPA
(1)
INVA
(4)
INVB
(17)
INVC
(11)
1061 BD
+
–
+
–
–
+
–
+
frequencies below 500kHz the clock “on” time can be as
low as 300ns. The maximum clock frequency for
±5V
supplies and above is 2.4MHz.
S1A, S1B (Pins 5, 16)
These are voltage input pins. If used, they should be driven
with a source impedance below 5k
Ω. when they are not
used, they should be tied to the analog ground Pin 6.
AGND (Pin 6)
When the LTC1061 operates with dual supplies, Pin 6
should be tied to system ground. When the LTC1061
operates with a single positive supply, the analog ground
pin should be tied to 1/2 supply, Figure 1. The positive
input of all the internal op amps, as well as the common
reference of all the internal switches, are internally tied to
the analog ground pin. Because of this, a “clean” ground
is recommended.
Power Supplies (Pins 10, 15)
They should be bypassed with 0.1
µF disc ceramic. Low
noise, nonswitching, power supplies are recommended.
The device operates with a single 5V supply, Figure 1, and
with dual supplies. The absolute maximum operating
power supply voltage is
±9V.
Clock and Level shift (Pins 8, 9)
When the LTC1061 operates with symmetrical dual sup-
plies the level shift Pin 9 should be tied to analog ground.
For single 5V supply operation, the level shift pin should be
tied to Pin 15 which will be the system ground. The typical
logic threshold levels of the clock pin are as follows: 1.65V
above the level shift pin for
±5V supply operation, 1.75V
for
±7.5V and above, and 1.4V for single 5V supply
operation. The logic threshold levels vary
±100mV over
the full military temperature range. The recommended
duty cycle of the input clock is 50% although for clock
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com