Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1069-1 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC1069-1
Description  Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 1 Page - Analog Devices

  LTC1069-1 Datasheet HTML 1Page - Analog Devices LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1064-1
1
10641fa
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
■
8th Order Filter in a 14-Pin Package
■
No External Components
■
100:1 Clock to Center Ratio
■
150µVRMS Total Wideband Noise
■
0.03% THD or Better
■
50kHz Maximum Corner Frequency
■
Operates from ±2.37V to ±8V Power Supplies
■
Passband Ripple Guaranteed Over Full Military
Temperature Range
Low Noise, 8th Order, Clock
Sweepable Elliptic Lowpass Filter
The LTC
®1064-1 is an 8th order, clock sweepable elliptic
(Cauer) lowpass switched capacitor filter. The passband
ripple is typically ±0.15dB, and the stopband attenuation
at 1.5 times the cutoff frequency is 68dB or more.
An external TTL or CMOS clock programs the value of the
filter’s cutoff frequency. The clock to cutoff frequency ratio
is 100:1.
No external components are needed for cutoff frequencies
up to 20kHz. For cutoff frequencies over 20kHz two low
value capacitors are required to maintain passband flatness.
The LTC1064-1 features low wideband noise and low
harmonic distortion even for input voltages up to 3VRMS.
In fact the LTC1064-1 overall performance completes with
equivalent multiple op amp RC active realizations.
The LTC1064-1 is available in a 14-pin DIP or 16-pin
surface mounted SW package.
The LTC1064-1 is pin compatible with the LTC1064-2.
, LTC and LT are registered trademarks of Linear Technology Corporation.
8th Order Clock Sweepable Lowpass
Elliptic Antialiasing Filter
Frequency Response
15
0
–15
–30
–45
–60
–75
–90
–105
FREQUENCY (kHz)
040
1064 TA02
10
515
25
35
20
30
8th ORDER CLOCK SWEEPABLE LOWPASS ELLIPTIC ANTIALIASING
FILTER MAINTAINS, FOR 0.1Hz ≤ fCUTOFF ≤ 10kHz, A ±0.15dB PASSBAND
RIPPLE AND 72dB STOPBAND ATTENUATION AT 1.5 × fCUTOFF.
TOTAL WIDEBAND NOISE = 150µVRMS, THD = 0.03% FOR VIN = 1VRMS
LTC1064-1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
R(h, I)
COMP2*
V–
fCLK
NC
VOUT
NC
INV C
VIN
AGND
V+
AGND
COMP1*
INV A
1064 TA01
NOTE: THE POWER SUPPLIES SHOULD BE BYPASSED BY A 0.1µF
CAPACITOR CLOSE TO THE PACKAGE.
FOR SERVO OFFSET NULLING APPLICATIONS, PIN 1 IS THE 2ND
STAGE SUMMING JUNCTION.
*FOR CUTOFF FREQUENCY ABOVE 20kHz, USE COMPENSATION
CAPACITORS (5pF TO 56pF) BETWEEN PIN 13 AND PIN 1
AND PIN 6 AND PIN 7.
CLOCK
(TTL, ≤5MHz)
–8V
8V
VOUT
VIN
0.1µF
0.1µF
■
Antialiasing Filters
■
Telecom PCM Filters


Similar Part No. - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
logo
Analog Devices
LTC1069-1 AD-LTC1069-1 Datasheet
142Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
REV A
LTC1069-1 AD-LTC1069-1 Datasheet
140Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
REV B
LTC1069-1 AD-LTC1069-1 Datasheet
700Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
Rev. B
More results

Similar Description - LTC1069-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-4 LINER-LTC1064-4 Datasheet
660Kb / 8P
Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
logo
Linear Technology
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-4 LINER-LTC1064-4_09 Datasheet
140Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-4 LINER-LTC1064-4_15 Datasheet
145Kb / 12P
Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com