Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8100 Datasheet(PDF) 1 Page - ebm-papst

Part # 8100
Description  Tubeaxial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8100 Datasheet(HTML) 1 Page - ebm-papst

  8100 Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
Number
CFM
@ 0
Volts
Voltage
Range
Power
(W)
dBA
Max
Ambient
Temp C
Wgt.
(lbs)
Type Of
Bearing
Features
8124K
35
24
18 to 30
3.0
39
72
0.94
Ball
Leads
8100 Series
Tubeaxial
UL, CSA, VDE approvals on some
models, please contact application
engineering.
DC fans with electronically
commutated external rotor motor.
Fully integrated commutation elec-
tronics.
With electronic protection against
reverse polarity and blocking.
Fan housing and impeller of metal.
Air exhaust over struts. Rotational direc-
tion CW looking at rotor.
Electrical connection via 2 leads AWG 22,
TR 64.
80x80x38mm
Mounting from either face using
four 4.3 mm holes.
e-mail: sales@ebm.com · TEL: 860-674-1515 · FAX: 860-674-8536
ebm Industries, Inc., 100 Hyde Road, Farmington, CT 06034 USA
ebm Industries, Inc., 2003 © ebm Industries, Inc. reserves the right to change any specifications or data without notice
42


Similar Part No. - 8100

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8100 FILTRAN-8100 Datasheet
84Kb / 1P
T1/CEPT ISDN PRI Transformers
logo
Heyco.
8100 HEYCO-8100 Datasheet
187Kb / 1P
Ring and Spade Terminals
logo
Keystone Electronics Co...
8100 KEYSTONE-8100 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Elma Electronic Ltd
8100 ELMA-8100 Datasheet
180Kb / 2P
64b/66MHz Metering PMC to PMC extender
logo
Videk Ltd
8100 VIDEK-8100 Datasheet
206Kb / 2P
Gender Changers & Port Savers Low Profile Gender Changers
More results

Similar Description - 8100

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3850 EBMPAPST-3850 Datasheet
423Kb / 1P
TUBEAXIAL
3900L EBMPAPST-3900L Datasheet
358Kb / 1P
TUBEAXIAL
4624N EBMPAPST-4624N Datasheet
192Kb / 1P
TUBEAXIAL
4600TZ EBMPAPST-4600TZ Datasheet
272Kb / 1P
TUBEAXIAL
5656S EBMPAPST-5656S Datasheet
277Kb / 1P
TUBEAXIAL
9956L EBMPAPST-9956L Datasheet
318Kb / 1P
TUBEAXIAL
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
TUBEAXIAL
AC4300H EBMPAPST-AC4300H Datasheet
185Kb / 1P
TUBEAXIAL
4484F EBMPAPST-4484F Datasheet
439Kb / 1P
TUBEAXIAL
4200 EBMPAPST-4200 Datasheet
595Kb / 3P
Tubeaxial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com