Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC660EYB Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # SC660EYB
Description  SMBus System Clock Buffer for Mobile Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SC660EYB Datasheet(HTML) 1 Page - SpectraLinear Inc

  SC660EYB Datasheet HTML 1Page - SpectraLinear Inc SC660EYB Datasheet HTML 2Page - SpectraLinear Inc SC660EYB Datasheet HTML 3Page - SpectraLinear Inc SC660EYB Datasheet HTML 4Page - SpectraLinear Inc SC660EYB Datasheet HTML 5Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMBus System Clock Buffer for Mobile Applications
SC660E
Rev 1.0, December 06, 2006
Page 1 of 5
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• 10 output buffers for high clock fanout applications
• Each output can be internally disabled for EMI and power
consumption reduction.
• Separate power supply for each group of 2 clock outputs
for mixed voltage application.
• < 250ps skew between output clocks.
• 28-pin SSOP package for minimum board space
• Single output Tristate pin for testability
Product Description
The device is a high fanout system clock distributor.
Its
primary application is to create the large quantity of clocks
needed to support a wide range of clock loads that are refer-
enced to a single existing clock. Loads of up to 30 pF are
supported. Primary application of this component is where
long traces are used to transport clocks from their generating
devices to their loads. The creation of EMI and the degra-
dation of waveform rise and fall times is greatly reduced by
running a single reference clock trace to this device and then
using it to regenerate the clock that drives shorter traces by
using the SC660 to generate the clocks at the target devices
EMI is therefore minimized and board real estate is saved.
Block Diagram
Pin Configuration
VDDB
OE
SDATA
SDRAM(2:3)
SCLOCK
VDD
FIN
I2C
SDRAM(0:1)
SDRAM4
SDRAM5
SDRAM(8:9)
SDRAM(6:7)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VDDB
SDRAM9
SDRAM8
VSS
VDDB
SDRAM7
SDRAM6
VSS
OE
VDDB
SDRAM5
VSS
VSS
SCLOCK
VDDB
SDRAM0
SDRAM1
VSS
VDDB
SDRAM2
SDRAM3
VSS
FIN
VDDB
SDRAM4
VSS
VDD
SDATA


Similar Part No. - SC660EYB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SC660EYB CYPRESS-SC660EYB Datasheet
56Kb / 8P
SMBus System Clock Buffer for Mobile Applications
More results

Similar Description - SC660EYB

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
AMD - K7??Clock Generator for Mobile System
Rev B 01/09/01
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
AMD - K7??Clock Generator for Mobile System
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
SMBus System Clock Buffer for Mobile Applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
Spread Spectrum Clock Generator for Mobile Applications
logo
Integrated Device Techn...
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
System PMIC for Mobile and Automotive Applications
11-Feb-2022
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
System PMIC for Mobile and Automotive Applications
11-Feb-2022
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com