Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6275 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6275
Description  5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6275 Datasheet(HTML) 1 Page - STMicroelectronics

  L6275 Datasheet HTML 1Page - STMicroelectronics L6275 Datasheet HTML 2Page - STMicroelectronics L6275 Datasheet HTML 3Page - STMicroelectronics L6275 Datasheet HTML 4Page - STMicroelectronics L6275 Datasheet HTML 5Page - STMicroelectronics L6275 Datasheet HTML 6Page - STMicroelectronics L6275 Datasheet HTML 7Page - STMicroelectronics L6275 Datasheet HTML 8Page - STMicroelectronics L6275 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
GENERAL
5V (+/- 10%) OPERATION.
REGISTER BASED ARCHITECTURE
MINIMUM EXTERNAL COMPONENTS
BICMOS + VERTICAL DMOS (1.5mm)
VCM DRIVER
1.5A DRIVE CAPABILITY
0.9
Ω TOTAL BRIDGE IMPEDANCE AT 25°C
LINEAR MODE
PHASE SHIFT MODULATION (PWM MODE)
INSTANTANEOUS, (GLICH FREE) SWITCH
BETWEEN THE 2 MODES
CLASS AB OUTPUT DRIVERS
ZERO CROSSOVER DISTORSION
14 BIT DAC DEFINE OUTPUT CURRENT
SELECTABLE TRANSCONDUCTANCE
4 PROGRAMMABLE PARKING VOLTAGE
DYNAMIC BRAKE
SPINDLE DRIVER
2.0A DRIVE CAPABILITY
0.8
Ω TOTAL BRIDGE IMPEDANCE AT 25°C
BEMF, INTERNAL OR EXTERNAL, PROC-
ESSING
SENSOR-LESS MOTOR COMMUTATION
PROGRAMMABLE COMMUTATION PHASE
DELAY
LINEAR MODE AND CONSTANT TOFF PWM
OPERATION MODE
INTERNAL FREQUENCY LOCKED LOOP
SPEED CONTROL (FLL)
BEMF RECTIFICATION DURING RETRACT
BUILT-IN ALIGNAMENT&GO START-UP
INDUCTIVE SENSING START UP OPTION
RESYNCHRONIZATION
DYNAMIC & REVERSE BRAKE
CONTROLLABLE OUTPUT SLEW RATE
OTHER FUNCTIONS
5V MONITORING WITH EXTERNAL SET
TRIP POINTS AND HYSTERESIS
POWER UP/DOWN SEQUENCING
LOW VOLTAGE SENSE
3.3V INPUT LOGIC COMPATIBILITY
THERMAL SHUTDOWN AND PRETHERMAL
WARNING
SYSTEM CLOCK WATCHDOG
DESCRIPTION
The L6275 integrates into a single chip both spin-
dle and VCM controllers as well as power stages.
The device is designed for 12V disk drive applica-
tion requiring up to 2.0A of spindle and 1.5A of
VCM peak currents.
A serial port with up to 25 MHz capability provides
easy interface to the microprocessor. A register
controlled Frequency Locked Loop (FLL) allows
flexibility in setting the spindle speed. Integrated
BEMF processing, digital masking, digital delay,
and sequencing minimize the number of external
components required.
Power On Reset (POR) circuitry is included. Upon
detection of a low voltage condition, POR is as-
serted, the internal registers are reset, and spin-
dle power circuitry is tri-stated. The BEMF is recti-
fied providing power for actuator retraction
followed by dynamic spindle braking.
The device is built in BICMOS technology allow-
ing dense digital/analog circuitry to be combined
with a high power DMOS output stage.
This is preliminary information on a new product now in development. Details are subject to change without notice.
April 1999
®
TQFP44 (10x10mm)
ORDERING NUMBER: L6275
L6275
5V DISK DRIVE SPINDLE & VCM, POWER
& CONTROL “COMBO”
PRODUCT PREVIEW
BICMOS TECHNOLOGY
1/17


Similar Part No. - L6275

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6270 STMICROELECTRONICS-L6270 Datasheet
72Kb / 10P
MILLI-ACTUATOR DRIVER
Feb-1999
L6271 STMICROELECTRONICS-L6271 Datasheet
72Kb / 10P
MILLI-ACTUATOR DRIVER
Feb-1999
logo
DAICO Industries, Inc.
L6278 DAICO-L6278 Datasheet
49Kb / 1P
Broadband LNA
L6278AC DAICO-L6278AC Datasheet
49Kb / 1P
Broadband LNA
More results

Similar Description - L6275

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
April 1999
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
Dual mode disk drive spindle and VCM motor driver
20-Apr-2006
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com