Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX591 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FCX591
Description  60V PNP MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX591 Datasheet(HTML) 4 Page - Diodes Incorporated

  FCX591 Datasheet HTML 1Page - Diodes Incorporated FCX591 Datasheet HTML 2Page - Diodes Incorporated FCX591 Datasheet HTML 3Page - Diodes Incorporated FCX591 Datasheet HTML 4Page - Diodes Incorporated FCX591 Datasheet HTML 5Page - Diodes Incorporated FCX591 Datasheet HTML 6Page - Diodes Incorporated FCX591 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCX591
Datasheet Number: DS33061 Rev. 4 - 2
4 of 7
www.diodes.com
February 2014
© Diodes Incorporated
FCX591
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-80
V
IC = -100µA, IE = 0
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
-60
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.1
V
IE = -100µA, IC = 0
Collector Cutoff Current
ICBO
<1
-100
nA
VCB = -60V
Emitter Cutoff Current
IEBO
<1
-100
nA
VEB = -5.6V, IC = 0
Emitter Cutoff Current
ICES
<1
-100
nA
VCES = -60V
DC current transfer Static ratio (Note 11)
hFE
100
100
80
15
220
175
155
40
300
IC = -1mA, VCE = -5V
IC = -500mA, VCE = -5V
IC = -1A, VCE = -5V
IC = -2A, VCE = -5V
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)
-155
-295
-300
-600
mV
IC = -500mA, IB = -50mA
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage (Note 11)
VBE(sat)
-965
-1200
mV
IC = -1A, IB = -100mA
Base-Emitter Turn-on Voltage (Note 11)
VBE(on)
-830
-1000
mV
IC = -1A, VCE = -5V
Transitional Frequency
fT
150
MHz
IE = -50mA, VCE = -10V
f = 100MHz
Output capacitance
Cobo
10
pF
VCB = -10V, f = 1MHz,
Note:
11. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com