Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9233 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 11Page - Renesas Technology Corp DA9233 Datasheet HTML 12Page - Renesas Technology Corp DA9233 Datasheet HTML 13Page - Renesas Technology Corp DA9233 Datasheet HTML 14Page - Renesas Technology Corp DA9233 Datasheet HTML 15Page - Renesas Technology Corp DA9233 Datasheet HTML 16Page - Renesas Technology Corp DA9233 Datasheet HTML 17Page - Renesas Technology Corp DA9233 Datasheet HTML 18Page - Renesas Technology Corp DA9233 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
15 of 50
© 2023 Renesas Electronics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_TR_L
D_LO
Load transient
2
μA to 100 mA in 1 μs
VVDD_LDO < 2.2 V
VVDD_LDO - VVLDO
≥ 0.2 V
COUT_LDO = 1
μF
-250
270
mV
RON_LDO
On resistance of LDO
VVDD_LDO = 3.7 V
350
m
Ω
RDHCG_LD
O_ON
MOSFET on-resistance for
LDO discharge
ILOAD = -10 mA
27
80
Ω
IOUT_MAX_L
DO
Output current capability in
LDO mode
VVDD_LDO = 3.6 V
VVLDO = 3.3 V
100
mA
IOUT_MAX_L
S
Output current capability in
Load Switch mode
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com